Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5193 Datasheet(PDF) 1 Page - NEC

Part # 2SC5193
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR COMPACT MINI MOLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5193 Datasheet(HTML) 1 Page - NEC

  2SC5193 Datasheet HTML 1Page - NEC 2SC5193 Datasheet HTML 2Page - NEC 2SC5193 Datasheet HTML 3Page - NEC 2SC5193 Datasheet HTML 4Page - NEC 2SC5193 Datasheet HTML 5Page - NEC 2SC5193 Datasheet HTML 6Page - NEC 2SC5193 Datasheet HTML 7Page - NEC 2SC5193 Datasheet HTML 8Page - NEC 2SC5193 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
SILICON TRANSISTOR
2SC5193
MICROWAVE LOW NOISE AMPLIFIER
NPN SILICON EPITAXIAL TRANSISTOR
COMPACT MINI MOLD
DATA SHEET
Document No. P10396EJ2V1DS00 (1st edition)
Date Published March 1997 N
Printed in Japan
1994
©
FEATURES
• Low Voltage Operation, Low Phase Distortion
• Low Noise
NF = 1.5 dB TYP. @ VCE = 3 V, IC = 7 mA, f = 2 GHz
NF = 1.7 dB TYP. @ VCE = 1 V, IC = 3 mA, f = 2 GHz
• Large Absolute Maximum Collector Current
IC = 100 mA
• Compact Mini Mold Package
EIAJ: SC-70
ORDERING INFORMATION
PART
NUMBER
QUANTITY
PACKING STYLE
2SC5193-T1
3 Kpcs/Reel
Embossed tape 8 mm wide.
Pin 3 (collector) face to perforation side of the tape.
2SC5193-T2
3 Kpcs/Reel
Embossed tape 8 mm wide.
Pin 1 (Emitter), Pin 2 (Base) face to perforation side
of the tape.
Remark
If you require an evaluation sample, please contact an NEC
Sales Representative. (Unit sample quantity is 50 pcs.)
ABSOLUTE MAXIMUM RATINGS (TA = 25
C)
PARAMETER
SYMBOL
RATING
UNIT
Collector to Base Voltage
VCBO
9V
Collector to Emitter Voltage
VCEO
6V
Emitter to Base Voltage
VEBO
2V
Collector Current
IC
100
mA
Total Power Dissipation
PT
150
mW
Junction Temperature
Tj
150
C
Storage Temperature
Tstg
65 to +150
C
This device uses radio frequency technology. Take due precautions to protect it from excessive input levels such as static electricity.
PACKAGE DRAWING
(Units: mm)
1.25±0.1
2
1
3
Marking
PIN CONNECTIONS
1.
2.
3.
Emitter
Base
Collector
2.1±0.1


Similar Part No. - 2SC5193

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5193 RENESAS-2SC5193 Datasheet
220Kb / 9P
NPN SILICON RF TRANSISTOR
2004
2SC5193-T1 RENESAS-2SC5193-T1 Datasheet
220Kb / 9P
NPN SILICON RF TRANSISTOR
2004
More results

Similar Description - 2SC5193

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2351 NEC-2SC2351 Datasheet
30Kb / 4P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC4093 NEC-2SC4093 Datasheet
70Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4094 NEC-2SC4094 Datasheet
102Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4095 NEC-2SC4095 Datasheet
107Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4187 NEC-2SC4187 Datasheet
43Kb / 6P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4225 NEC-2SC4225 Datasheet
41Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4955 NEC-2SC4955 Datasheet
44Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC5192 NEC-2SC5192 Datasheet
68Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
logo
Renesas Technology Corp
2SC4094 RENESAS-2SC4094_15 Datasheet
323Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4095 RENESAS-2SC4095_15 Datasheet
329Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com