Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5193 Datasheet(PDF) 9 Page - NEC

Part # 2SC5193
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR COMPACT MINI MOLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5193 Datasheet(HTML) 9 Page - NEC

Back Button 2SC5193 Datasheet HTML 4Page - NEC 2SC5193 Datasheet HTML 5Page - NEC 2SC5193 Datasheet HTML 6Page - NEC 2SC5193 Datasheet HTML 7Page - NEC 2SC5193 Datasheet HTML 8Page - NEC 2SC5193 Datasheet HTML 9Page - NEC 2SC5193 Datasheet HTML 10Page - NEC 2SC5193 Datasheet HTML 11Page - NEC 2SC5193 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
2SC5193
VCE = 3 V, IC = 7 mA, ZO = 50

FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
200.00
300.00
400.00
500.00
600.00
700.00
800.00
900.00
1000.00
1100.00
1200.00
1300.00
1400.00
1500.00
1600.00
1700.00
1800.00
1900.00
2000.00
0.811
0.668
0.553
0.449
0.370
0.318
0.290
0.268
0.244
0.237
0.233
0.243
0.253
0.261
0.265
0.265
0.277
0.290
0.306
0.318
32.6
59.1
79.0
93.3
107.1
119.6
131.1
142.9
151.8
161.2
170.9
178.1
174.8
171.0
165.4
161.2
156.4
151.1
148.3
144.6
14.032
11.239
8.969
7.293
6.039
5.212
4.581
4.057
3.587
3.266
3.003
2.794
2.596
2.474
2.365
2.253
2.153
2.046
1.943
1.856
153.7
132.2
116.7
106.9
100.6
93.8
90.2
85.5
81.6
78.6
75.4
72.3
68.9
65.4
61.3
58.4
56.5
56.9
54.2
52.8
0.027
0.063
0.081
0.094
0.103
0.114
0.125
0.134
0.145
0.157
0.167
0.173
0.186
0.199
0.216
0.232
0.245
0.233
0.264
0.271
57.0
56.7
55.4
55.4
55.3
56.2
55.8
56.2
57.1
57.6
57.5
57.0
56.1
55.4
54.6
54.7
55.5
56.4
56.4
53.9
0.922
0.752
0.611
0.510
0.435
0.400
0.364
0.305
0.275
0.255
0.249
0.225
0.199
0.185
0.179
0.169
0.149
0.137
0.130
0.128
18.2
33.9
44.6
47.9
48.1
46.5
50.1
50.1
49.0
47.7
51.5
56.7
56.7
37.7
38.7
63.3
66.8
71.3
76.7
83.6
VCE = 3 V, IC = 10 mA, ZO = 50

FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
200.00
300.00
400.00
500.00
600.00
700.00
800.00
900.00
1000.00
1100.00
1200.00
1300.00
1400.00
1500.00
1600.00
1700.00
1800.00
1900.00
2000.00
0.775
0.609
0.488
0.390
0.321
0.277
0.253
0.236
0.216
0.212
0.221
0.221
0.232
0.240
0.247
0.248
0.261
0.275
0.291
0.302
34.3
63.8
83.7
98.0
111.7
124.8
136.0
147.8
157.0
166.4
176.0
177.3
170.6
167.1
161.8
158.0
153.6
148.5
146.1
142.6
16.213
12.257
9.683
7.790
6.396
5.493
4.808
4.252
3.752
3.408
3.131
2.909
2.711
2.581
2.457
2.335
2.236
2.120
2.019
1.923
130.4
128.4
115.4
104.3
98.4
93.8
88.6
84.3
80.7
77.8
74.8
71.9
68.6
65.2
61.2
58.5
56.6
56.2
54.6
53.2
0.031
0.037
0.077
0.091
0.101
0.113
0.125
0.135
0.147
0.160
0.171
0.180
0.191
0.205
0.222
0.239
0.252
0.263
0.272
0.279
42.4
55.3
56.3
56.6
57.6
58.5
58.4
58.4
59.1
59.6
59.2
58.5
57.3
56.3
55.2
55.2
53.8
56.5
56.4
56.8
0.916
0.712
0.569
0.467
0.394
0.362
0.329
0.273
0.242
0.224
0.220
0.197
0.171
0.157
0.150
0.141
0.121
0.101
0.104
0.104
18.1
37.2
47.6
30.5
50.4
48.1
51.9
52.2
50.9
49.1
53.1
59.1
59.2
60.1
61.2
66.8
71.4
77.2
83.3
91.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com