Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5193 Datasheet(PDF) 5 Page - NEC

Part # 2SC5193
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR COMPACT MINI MOLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5193 Datasheet(HTML) 5 Page - NEC

  2SC5193 Datasheet HTML 1Page - NEC 2SC5193 Datasheet HTML 2Page - NEC 2SC5193 Datasheet HTML 3Page - NEC 2SC5193 Datasheet HTML 4Page - NEC 2SC5193 Datasheet HTML 5Page - NEC 2SC5193 Datasheet HTML 6Page - NEC 2SC5193 Datasheet HTML 7Page - NEC 2SC5193 Datasheet HTML 8Page - NEC 2SC5193 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
2SC5193
S-PARAMETER
VCE = 1 V, IC = 1 mA, ZO = 50

FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
200.00
300.00
400.00
500.00
600.00
700.00
800.00
900.00
1000.00
1100.00
1200.00
1300.00
1400.00
1500.00
1600.00
1700.00
1800.00
1900.00
2000.00
0.952
0.913
0.871
0.817
0.737
0.657
0.624
0.594
0.560
0.544
0.527
0.534
0.554
0.566
0.547
0.523
0.540
0.530
0.559
0.571
18.2
37.9
55.6
68.8
82.6
93.4
103.9
117.9
127.1
137.1
145.1
154.5
163.9
169.0
175.2
179.3
172.6
165.2
160.8
156.2
3.497
3.208
3.048
2.825
2.332
2.236
2.043
1.864
1.715
1.593
1.458
1.391
1.258
1.200
1.185
1.176
1.129
1.109
1.028
0.981
166.0
150.4
135.4
124.1
114.8
107.2
99.0
91.9
85.0
80.3
75.3
70.9
66.7
63.5
55.1
51.3
48.8
47.4
45.2
43.6
0.050
0.101
0.141
0.169
0.184
0.196
0.206
0.208
0.208
0.203
0.200
0.195
0.195
0.194
0.199
0.201
0.198
0.199
0.200
0.203
74.0
64.5
56.5
49.8
42.1
37.7
33.0
30.5
29.0
27.8
25.6
24.4
24.1
25.6
26.0
29.6
33.0
37.3
40.0
43.2
0.979
0.927
0.855
0.803
0.746
0.691
0.639
0.573
0.538
0.494
0.478
0.450
0.426
0.409
0.406
0.392
0.375
0.370
0.365
0.364
8.3
18.9
28.2
33.7
39.1
41.0
45.4
46.2
49.5
51.7
55.7
60.1
62.4
66.3
67.7
72.4
76.0
80.9
87.1
91.0
VCE = 1 V, IC = 3 mA, ZO = 50

FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
200.00
300.00
400.00
500.00
600.00
700.00
800.00
900.00
1000.00
1100.00
1200.00
1300.00
1400.00
1500.00
1600.00
1700.00
1800.00
1900.00
2000.00
0.864
0.768
0.675
0.584
0.504
0.455
0.428
0.405
0.381
0.379
0.374
0.389
0.404
0.414
0.411
0.402
0.417
0.428
0.446
0.457
29.3
37.8
79.1
94.9
110.1
123.0
134.7
145.9
154.2
163.1
171.9
178.5
174.9
172.1
165.7
161.8
156.7
151.2
148.4
144.8
8.784
7.364
6.372
5.374
4.501
3.906
3.298
2.938
2.915
2.397
2.196
2.061
1.916
1.829
1.759
1.680
1.606
1.537
1.458
1.394
157.7
136.9
139.7
110.1
102.3
96.2
89.7
84.1
79.4
75.8
72.0
68.3
64.3
60.6
55.5
52.5
50.1
49.4
47.4
43.8
0.050
0.088
0.115
0.130
0.138
0.148
0.156
0.163
0.171
0.178
0.184
0.190
0.198
0.210
0.225
0.241
0.249
0.259
0.265
0.272
64.3
56.8
51.1
47.2
44.1
43.4
42.3
42.8
43.7
44.6
44.7
44.6
44.2
44.4
44.2
45.3
48.9
48.8
48.7
48.6
0.927
0.797
0.667
0.568
0.485
0.430
0.380
0.321
0.286
0.239
0.246
0.226
0.201
0.184
0.176
0.167
0.159
0.151
0.130
0.155
16.5
34.0
46.3
52.1
55.8
57.0
61.3
63.1
64.8
66.7
70.8
76.4
79.4
83.7
85.9
92.5
97.7
107.2
114.4
120.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com