Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP5358HUI Datasheet(PDF) 13 Page - Altera Corporation

Part # EP5358HUI
Description  600mA PowerSoC Synchronous Buck Regulator with Integrated Inductor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP5358HUI Datasheet(HTML) 13 Page - Altera Corporation

Back Button EP5358HUI Datasheet HTML 8Page - Altera Corporation EP5358HUI Datasheet HTML 9Page - Altera Corporation EP5358HUI Datasheet HTML 10Page - Altera Corporation EP5358HUI Datasheet HTML 11Page - Altera Corporation EP5358HUI Datasheet HTML 12Page - Altera Corporation EP5358HUI Datasheet HTML 13Page - Altera Corporation EP5358HUI Datasheet HTML 14Page - Altera Corporation EP5358HUI Datasheet HTML 15Page - Altera Corporation EP5358HUI Datasheet HTML 16Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
EP5358LUI/EP5358HUI
VOUTOLD is the VID table output voltage.
For a given Rs Value, the VOUTNEW for VID
settings is determined by the following
equations:
EP5358LUI:
Volts
Rs
VOUT
VOUT
L
OLD
NEW
+
=
1
711
EP5358HUI:
Volts
Rs
VOUT
VOUT
H
OLD
NEW
+
=
1
356
NOTE: The amount of adjustment is limited to
approximately 15% of the nominal VID setting.
NOTE: Adjusting VOUT using this method will
increase the tolerance of the output voltage.
The larger the adjustment, the greater the
increase in tolerance.
Power-Up/Down Sequencing
During
power-up, ENABLE
should not be
asserted before PVIN, and PVIN should not be
asserted before AVIN. The PVIN should never
be powered when AVIN is off.
During power
down, the AVIN should not be powered down
before the PVIN. Tying PVIN and AVIN or all
three pins (AVIN, PVIN, ENABLE) together
during power up or power down meets these
requirements
.
Pre-Bias Start-up
The EP5358xUI does not support startup into a
pre-biased
condition.
Be
sure
the
output
capacitors are not charged or the output of the
EP5358xUI
is
not
pre-biased
when
the
EP5358xUI is first enabled.
Input Filter Capacitor
For ILOAD ≤ 500mA, CIN = 2.2uF
For ILOAD > 500mA CIN = 4.7uF.
0402 capacitor case size is acceptable.
The input capacitor must use a X5R or X7R or
equivalent
dielectric
formulation.
Y5V
or
equivalent
dielectric
formulations
lose
capacitance with frequency, bias, and with
temperature, and are not suitable for switch-
mode DC-DC converter input filter applications.
Output Filter Capacitor
For VIN
≤ 4.3V, C
OUT_MIN = 10uF 0603 MLCC.
For VIN > 4.3V, COUT_MIN = 10uF 0805 MLCC.
Ripple performance can be improved by using
2x10µF
0603
MLCC
capacitors
(for
any
allowed VIN).
The maximum output filter capacitance next to
the output pins of the device is 60µF low ESR
MLCC capacitance. VOUT has to be sensed at
the last output filter capacitor next to the
EP5358xUI.
Additional bulk capacitance for decoupling and
bypass can be placed at the load as long as
there is sufficient separation between the VOUT
Sense point and the bulk capacitance.
Excess total capacitance on the output (Output
Filter
+
Bulk)
can cause an over-current
condition at startup.
Refer to the section on
Soft-Start for the maximum total capacitance
on the output.
The output capacitor must use a X5R or X7R
or equivalent dielectric formulation.
Y5V or
equivalent
dielectric
formulations
lose
capacitance
with
frequency,
bias,
and
temperature and are not suitable for switch-
mode
DC-DC
converter
output
filter
applications.
www.altera.com/enpirion Page 13
03541
October 11, 2013
Rev F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com