Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP5358HUI Datasheet(PDF) 2 Page - Altera Corporation

Part # EP5358HUI
Description  600mA PowerSoC Synchronous Buck Regulator with Integrated Inductor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP5358HUI Datasheet(HTML) 2 Page - Altera Corporation

  EP5358HUI Datasheet HTML 1Page - Altera Corporation EP5358HUI Datasheet HTML 2Page - Altera Corporation EP5358HUI Datasheet HTML 3Page - Altera Corporation EP5358HUI Datasheet HTML 4Page - Altera Corporation EP5358HUI Datasheet HTML 5Page - Altera Corporation EP5358HUI Datasheet HTML 6Page - Altera Corporation EP5358HUI Datasheet HTML 7Page - Altera Corporation EP5358HUI Datasheet HTML 8Page - Altera Corporation EP5358HUI Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
EP5358LUI/EP5358HUI
Ordering Information
Part Number
Comment
Package
EP5358LUI
LOW VID Range
16-pin QFN T&R
EP5358HUI
HIGH VID Range
16-pin QFN T&R
EVB-EP5358LUI
EP5358LUI Evaluation Board
EVB-EP5358HUI
EP5358HUI Evaluation Board
Pin Assignments (Top View)
Figure 3: EP5358LUI Pin Out Diagram (Top View)
Figure 4: EP5358HUI Pin Out Diagram (Top View)
Pin Description
PIN
NAME
FUNCTION
1, 15,
16
NC(SW)
NO CONNECT – These pins are internally connected to the common switching node of the
internal MOSFETs. NC (SW) pins are not to be electrically connected to any external signal,
ground, or voltage. However, they must be soldered to the PCB. Failure to follow this
guideline may result in part malfunction or damage to the device.
2,3
PGND
Power ground. Connect these pins together and to the ground electrode of the Input and
output filter capacitors.
4
VFB/NC
EP5358LUI: Feed back pin for external divider option.
EP5358HUI: No Connect
5
VSENSE
Sense pin for preset output voltages. Refer to application section for proper configuration.
6
AGND
Analog ground. This is the quiet ground for the internal control circuitry, and the ground
return for external feedback voltage divider
7, 8
VOUT
Regulated Output Voltage. Refer to application section for proper layout and decoupling.
9, 10,
11
VS2, VS1,
VS0
Output voltage select. VS2 = pin 9, VS1 = pin 10, VS0 = pin 11.
EP5358LUI: Selects one of seven preset output voltages or an external resistor divider.
EP5358HUI: Selects one of eight preset output voltages.
(Refer to section on output voltage select for more details.)
12
ENABLE
Output Enable. Enable = logic high; Disable = logic low
13
AVIN
Input power supply for the controller circuitry.
14
PVIN
Input Voltage for the MOSFET switches.
PVIN
AVIN
ENABLE
VS0
VS1
VS2
NC(SW)
PGND
PGND
VFB
VSENSE
AGND
3
1
4
2
6
5
16
15
7
8
12
11
13
10
9
14
PVIN
AVIN
ENABLE
VS0
VS1
VS2
NC(SW)
PGND
PGND
NC
VSENSE
AGND
3
1
4
2
6
5
16
15
7
8
12
11
13
10
9
14
www.altera.com/enpirion Page 2
03541
October 11, 2013
Rev F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com