Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMT4 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # IMT4
Description  DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

IMT4 Datasheet(HTML) 1 Page - Diodes Incorporated

  IMT4 Datasheet HTML 1Page - Diodes Incorporated IMT4 Datasheet HTML 2Page - Diodes Incorporated IMT4 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS30303 Rev. 2 - 2
1 of 3
IMT4
www.diodes.com
·
Epitaxial Planar Die Construction
·
Complementary NPN Type Available
(IMX8)
·
Small Surface Mount Package
Features
Maximum Ratings
@ TA = 25
°C unless otherwise specified
A
M
J
L
D
F
B C
H
K
B
2
B
1
E
1
C
2
E
2
C
1
Mechanical Data
·
Case: SOT-26, Molded Plastic
·
Case material - UL Flammability Rating
Classification 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Terminal Connections: See Diagram
·
Marking: KX7, See Page 2
·
Ordering & Date Code Information: See Page 2
·
Weight: 0.016 grams (approx.)
IMT4
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Characteristic
Symbol
IMT4
Unit
Collector-Base Voltage
VCBO
-120
V
Collector-Emitter Voltage
VCEO
-120
V
Emitter-Base Voltage
VEBO
-5.0
V
Collector Current - Continuous
IC
-50
mA
Power Dissipation (Note 1)
Pd
225
mW
Thermal Resistance, Junction to Ambient (Note 1)
RqJA
555
°C/W
Operating and Storage Temperature Range
Tj,TSTG
-55 to +150
°C
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 2)
Collector-Base Breakdown Voltage
V(BR)CBO
-120
¾¾
V
IC = -50
mA
Collector-Emitter Breakdown Voltage
V(BR)CEO
-120
¾¾
V
IC = -1.0mA
Emitter-Base Breakdown Voltage
V(BR)EBO
-5.0
¾¾
V
IE = -50
mA
Collector Cutoff Current
ICBO
¾¾
-0.5
mA
VCB = -100V
Emitter Cutoff Current
IEBO
¾¾
-0.5
mA
VEB = -4.0V
ON CHARACTERISTICS (Note 2)
DC Current Gain
hFE
180
¾
820
¾
IC = -2.0mA, VCE = -6.0V
Collector-Emitter Saturation Voltage
VCE(SAT)
¾¾
-0.5
V
IC = -10mA, IB = -1.0mA
SMALL SIGNAL CHARACTERISTICS
Current Gain-Bandwidth Product
fT
¾
140
¾
MHz
VCE = -12V, IE = 2.0mA,
f = 100MHz
SOT-26
Dim
Min
Max
Typ
A
0.35
0.50
0.38
B
1.50
1.70
1.60
C
2.70
3.00
2.80
D
¾¾
0.95
F
¾¾
0.55
H
2.90
3.10
3.00
J
0.013 0.10
0.05
K
1.00
1.30
1.10
L
0.35
0.55
0.40
M
0.10
0.20
0.15
a
0
°
8°
¾
All Dimensions in mm
B
2
B
1
E
1
C
2
E
2
C
1
Notes:
1. Device mounted on FR-5 PCB 1.0 x 0.75 x 0.062 inch pad layout as shown on Diodes Inc. suggested pad layout AP02001, which
can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 200mW per element must not be exceeded.
2. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - IMT4

ManufacturerPart #DatasheetDescription
logo
Rohm
IMT4 ROHM-IMT4 Datasheet
54Kb / 1P
General purpose (dual transistors)
IMT4 ROHM-IMT4 Datasheet
71Kb / 3P
General purpose (dual transistors)
logo
Diodes Incorporated
IMT4 DIODES-IMT4 Datasheet
455Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30303 Rev. 7 - 2
logo
Rohm
IMT4 ROHM-IMT4 Datasheet
59Kb / 3P
General purpose (dual transistors)
logo
Diodes Incorporated
IMT4-7-F DIODES-IMT4-7-F Datasheet
455Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30303 Rev. 7 - 2
More results

Similar Description - IMT4

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMDT3906 TRSYS-MMDT3906 Datasheet
195Kb / 2P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
MMDT2907V DIODES-MMDT2907V Datasheet
152Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30564 Rev. 4 - 2
MMDT4403 DIODES-MMDT4403_1 Datasheet
437Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30110 Rev. 7 - 2
IMT4 DIODES-IMT4_1 Datasheet
455Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30303 Rev. 7 - 2
logo
Galaxy Semi-Conductor H...
MMDT3906 BILIN-MMDT3906 Datasheet
184Kb / 4P
Dual PNP Small Signal Surface Mount Transistor
logo
Diodes Incorporated
DST857BDJ DIODES-DST857BDJ Datasheet
143Kb / 5P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS32037 Rev. 1 - 2
MMDT4403 DIODES-MMDT4403_2 Datasheet
177Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30110 Rev. 10 - 2
logo
Unisonic Technologies
MMDT3906 UTC-MMDT3906 Datasheet
121Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
MMDT4403 DIODES-MMDT4403_15 Datasheet
177Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 10
BC857BV DIODES-BC857BV_15 Datasheet
352Kb / 5P
PNP DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 7
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com