Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMT4 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # IMT4
Description  DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

IMT4 Datasheet(HTML) 2 Page - Diodes Incorporated

  IMT4 Datasheet HTML 1Page - Diodes Incorporated IMT4 Datasheet HTML 2Page - Diodes Incorporated IMT4 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30303 Rev. 2 - 2
2 of 3
IMT4
www.diodes.com
Marking Information
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Date Code Key
KX7
KX7 = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
Year
2002
2003
2004
2005
2006
2007
2008
2009
Code
NP
R
S
T
UV
W
Ordering Information
Notes:
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
(Note 3)
Device
Packaging
Shipping
IMT4-7
SOT-26
3000/Tape & Reel
0
50
100
150
200
250
0
100
200
T , AMBIENT TEMPERATURE (
°C)
A
Fig. 1, Power Derating Curve
(see Note 1)
0
100
200
300
1.0
10.0
100
I
COLLECTOR CURRENT (mA)
C,
Fig.2 Typical DC Current Gain vs. Collector Current
400
500
T= 25
°C
a
T = -25
°C
a
T= 75
°C
a
V= 6V
CE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com