Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4227 Datasheet(PDF) 5 Page - NEC

Part # 2SC4227
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4227 Datasheet(HTML) 5 Page - NEC

  2SC4227 Datasheet HTML 1Page - NEC 2SC4227 Datasheet HTML 2Page - NEC 2SC4227 Datasheet HTML 3Page - NEC 2SC4227 Datasheet HTML 4Page - NEC 2SC4227 Datasheet HTML 5Page - NEC 2SC4227 Datasheet HTML 6Page - NEC 2SC4227 Datasheet HTML 7Page - NEC 2SC4227 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SC4227
5
S-PARAMETER
(VCE = 3 V, IC = 7 mA, ZO = 50
Ω)
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.804
–23.8
11.631
154.8
.023
74.8
.920
–16.5
200.00
.692
–48.6
10.839
137.5
.040
64.1
.791
–27.7
300.00
.581
–70.3
9.722
123.8
.050
59.9
.675
–33.5
400.00
.489
–89.0
8.519
112.9
.060
56.7
.597
–37.0
500.00
.419
–104.9
7.434
104.1
.067
55.9
.538
–38.7
600.00
.376
–117.1
6.468
97.5
.075
55.6
.497
–40.0
700.00
.342
–128.6
5.729
91.8
.082
55.7
.467
–41.0
800.00
.321
–138.4
5.115
86.7
.089
56.3
.443
–41.7
900.00
.305
–147.3
4.630
82.5
.096
56.1
.427
–42.5
1000.00
.296
–155.2
4.207
78.5
.104
56.4
.412
–43.6
1100.00
.289
–162.2
3.879
74.8
.111
56.0
.401
–44.6
1200.00
.284
–169.3
3.595
71.4
.119
56.4
.393
–45.8
1300.00
.282
–175.3
3.349
68.1
.127
56.2
.384
–47.3
1400.00
.281
179.0
3.133
64.8
.136
56.0
.379
–48.8
1500.00
.283
173.8
2.945
61.9
.143
55.4
.372
–50.1
1600.00
.283
168.6
2.780
58.8
.151
55.0
.367
–51.8
1700.00
.285
163.8
2.631
56.2
.160
54.4
.363
–53.7
1800.00
.286
159.9
2.514
53.3
.168
53.9
.359
–55.4
1900.00
.289
155.4
2.390
50.5
.177
53.3
.354
–57.3
2000.00
.293
151.8
2.293
47.8
.186
52.5
.351
–59.2
(VCE = 3 V, IC = 5 mA, ZO = 50
Ω)
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.818
–29.4
14.580
156.2
.023
79.9
.932
–14.4
200.00
.689
–54.3
12.120
137.5
.040
65.1
.824
–23.4
300.00
.594
–73.1
10.142
124.6
.052
55.0
.716
–30.3
400.00
.500
–89.8
8.340
114.4
.063
58.5
.620
–32.2
500.00
.457
–102.8
7.300
107.5
.069
56.4
.577
–34.2
600.00
.404
–115.0
6.211
101.0
.081
54.9
.525
–35.1
700.00
.377
–124.4
5.496
96.8
.084
59.5
.511
–36.1
800.00
.359
–134.3
4.908
91.4
.091
58.4
.471
–36.2
900.00
.342
–141.5
4.450
88.1
.097
58.4
.458
–35.3
1000.00
.335
–150.3
4.018
84.7
.100
61.2
.440
–36.5
1100.00
.326
–155.9
3.750
81.4
.112
61.8
.442
–36.8
1200.00
.321
–162.4
3.410
78.1
.115
61.4
.417
–37.8
1300.00
.317
–167.2
3.181
75.6
.124
62.3
.412
–38.5
1400.00
.321
–173.4
2.995
72.5
.131
63.9
.411
–39.9
1500.00
.318
–177.5
2.802
69.8
.138
63.6
.407
–40.4
1600.00
.320
176.6
2.665
67.3
.149
66.4
.400
–41.1
1700.00
.323
173.2
2.533
66.1
.156
65.3
.394
–43.7
1800.00
.326
167.8
2.369
63.0
.162
65.9
.394
–44.3
1900.00
.331
165.6
2.275
61.0
.177
65.4
.390
–45.5
2000.00
.333
161.4
2.196
59.2
.183
64.5
.384
–47.6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com