Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4227 Datasheet(PDF) 6 Page - NEC

Part # 2SC4227
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4227 Datasheet(HTML) 6 Page - NEC

  2SC4227 Datasheet HTML 1Page - NEC 2SC4227 Datasheet HTML 2Page - NEC 2SC4227 Datasheet HTML 3Page - NEC 2SC4227 Datasheet HTML 4Page - NEC 2SC4227 Datasheet HTML 5Page - NEC 2SC4227 Datasheet HTML 6Page - NEC 2SC4227 Datasheet HTML 7Page - NEC 2SC4227 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SC4227
6
S-PARAMETER
(VCE = 3 V, IC = 3 mA, ZO = 50
Ω)
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.906
–22.7
9.710
161.6
.026
82.5
.962
–10.6
200.00
.810
–43.7
8.541
145.3
.049
63.8
.895
–18.3
300.00
.742
–60.6
7.695
133.4
.062
58.7
.811
–25.8
400.00
.638
–76.6
6.580
122.4
.073
56.0
.732
–27.7
500.00
.587
–89.8
5.934
114.1
.082
53.4
.680
–31.2
600.00
.524
–102.2
5.148
107.1
.091
49.7
.624
–33.5
700.00
.490
–111.4
4.627
102.2
.094
51.8
.603
–34.4
800.00
.460
–121.4
4.181
96.0
.099
51.2
.568
–35.0
900.00
.435
–129.9
3.827
92.6
.101
52.9
.540
–35.7
1000.00
.427
–138.2
3.443
88.1
.107
50.9
.523
–36.7
1100.00
.404
–144.9
3.199
84.2
.115
53.7
.512
–36.8
1200.00
.399
–151.7
2.989
79.8
.113
56.6
.500
–38.6
1300.00
.392
–157.9
2.779
77.4
.121
54.9
.489
–39.2
1400.00
.392
–163.6
2.638
73.5
.126
56.4
.483
–40.4
1500.00
.386
–169.1
2.443
71.3
.135
56.4
.477
–41.8
1600.00
.380
–174.5
2.344
68.0
.137
60.0
.477
–42.4
1700.00
.382
–179.7
2.239
65.3
.143
59.5
.466
–44.4
1800.00
.389
176.1
2.113
63.0
.151
59.4
.461
–44.9
1900.00
.383
172.5
2.025
61.4
.154
62.6
.456
–46.9
2000.00
.387
168.3
1.922
58.2
.163
62.0
.464
–48.3
(VCE = 3 V, IC = 7 mA, ZO = 50
Ω)
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
1.009
–14.5
3.544
168.8
.027
78.6
.994
–5.6
200.00
.955
–29.7
3.359
156.3
.055
73.6
.969
–10.1
300.00
.937
–42.6
3.277
147.1
.073
63.4
.947
–15.9
400.00
.864
–56.2
3.034
136.6
.091
57.7
.898
–18.8
500.00
.838
–67.3
2.891
128.6
.107
51.1
.865
–22.1
600.00
.775
–79.3
2.674
120.0
.116
46.6
.824
–25.8
700.00
.745
–88.5
2.485
114.2
.125
45.2
.803
–27.5
800.00
.708
–99.1
2.338
106.8
.127
41.2
.776
–29.7
900.00
.670
–107.9
2.177
101.4
.132
40.2
.740
–31.5
1000.00
.649
–116.8
2.052
96.0
.135
37.2
.723
–33.7
1100.00
.621
–124.0
1.914
90.8
.131
36.6
.719
–34.2
1200.00
.608
–131.8
1.819
86.0
.129
35.4
.700
–36.3
1300.00
.587
–138.5
1.713
82.4
.130
35.2
.691
–37.6
1400.00
.587
–144.5
1.628
77.7
.128
36.1
.681
–39.2
1500.00
.573
–152.6
1.533
73.4
.127
36.0
.662
–40.7
1600.00
.559
–157.1
1.464
70.3
.124
37.5
.660
–42.7
1700.00
.562
–164.2
1.421
67.2
.120
39.1
.658
–44.0
1800.00
.557
–168.9
1.350
64.7
.122
43.3
.658
–46.0
1900.00
.557
–173.9
1.296
61.1
.122
45.2
.641
–47.8
2000.00
.551
–178.6
1.240
58.0
.124
48.5
.643
–50.1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com