Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4568 Datasheet(PDF) 4 Page - NEC

Part # 2SC4568
Description  NPN SILICON EPITAXIAL TRANSISTOR UHF TV TUNER OSC/MIXER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4568 Datasheet(HTML) 4 Page - NEC

  2SC4568 Datasheet HTML 1Page - NEC 2SC4568 Datasheet HTML 2Page - NEC 2SC4568 Datasheet HTML 3Page - NEC 2SC4568 Datasheet HTML 4Page - NEC 2SC4568 Datasheet HTML 5Page - NEC 2SC4568 Datasheet HTML 6Page - NEC 2SC4568 Datasheet HTML 7Page - NEC 2SC4568 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
2SC4568
VCE = 5 V, IC = 7 mA
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
200.00
300.00
400.00
500.00
600.00
700.00
800.00
900.00
1000.00
0.723
0.569
0.437
0.361
0.302
0.252
0.232
0.204
0.189
0.175
33.0
56.4
73.6
86.7
96.7
106.5
114.4
122.2
131.3
136.0
16.785
13.165
10.387
8.359
6.939
5.917
5.178
4.589
4.150
3.774
150.2
129.2
115.0
106.1
99.0
92.9
88.3
84.1
80.2
76.6
0.024
0.041
0.055
0.064
0.073
0.083
0.095
0.103
0.115
0.126
70.3
65.3
63.3
62.3
62.4
61.9
62.9
62.8
63.2
62.7
0.897
0.739
0.623
0.559
0.510
0.481
0.460
0.445
0.439
0.427
18.0
28.5
33.6
34.8
36.1
37.1
37.6
38.2
39.5
40.3
VCE = 5 V, IC = 9 mA
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
200.00
300.00
400.00
500.00
600.00
700.00
800.00
900.00
1000.00
0.662
0.497
0.374
0.307
0.254
0.213
0.197
0.178
0.170
0.156
37.3
62.6
80.6
93.7
103.1
114.0
121.0
129.0
138.2
144.1
19.267
14.383
11.350
8.733
7.194
6.093
5.331
4.702
4.243
3.866
146.4
124.9
111.3
102.8
96.4
90.7
86.4
82.5
78.7
75.4
0.024
0.038
0.050
0.061
0.075
0.081
0.092
0.103
0.113
0.125
75.4
66.2
63.6
64.5
64.5
64.9
65.2
65.0
64.9
64.6
0.870
0.693
0.587
0.522
0.479
0.455
0.438
0.426
0.421
0.410
20.1
30.0
33.9
34.3
34.9
36.0
36.1
36.9
38.0
39.1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com