Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4568 Datasheet(PDF) 1 Page - NEC

Part # 2SC4568
Description  NPN SILICON EPITAXIAL TRANSISTOR UHF TV TUNER OSC/MIXER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4568 Datasheet(HTML) 1 Page - NEC

  2SC4568 Datasheet HTML 1Page - NEC 2SC4568 Datasheet HTML 2Page - NEC 2SC4568 Datasheet HTML 3Page - NEC 2SC4568 Datasheet HTML 4Page - NEC 2SC4568 Datasheet HTML 5Page - NEC 2SC4568 Datasheet HTML 6Page - NEC 2SC4568 Datasheet HTML 7Page - NEC 2SC4568 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
SILICON TRANSISTOR
2SC4568
NPN SILICON EPITAXIAL TRANSISTOR
UHF TV TUNER OSC/MIXER
DATA SHEET
Document No. P10373EJ2V1DS00 (2nd edition)
Date Published March 1997 N
Printed in Japan
1989
©
DESCRIPTION
The 2SC4568 is an NPN silicon epitaxial transistor intended for use as
UHF oscillator and UHF mixer in a tuner of TV receiver.
FEATURES
• High gain bandwidth product
fT = 5.5 GHz TYP.
• Low output capacitance
Cob = 0.7 pF TYP.
• Surface mount package
EIAJ: SC-59
ABSOLUTE MAXIMUM RATINGS (TA = 25
C)
Maximum Voltages and Current
Collector to Base Voltage
VCBO
20
V
Collector to Emitter Voltage
VCEO
12
V
Emitter to Base Voltage
VEBO
3.0
V
Collector Current
IC
30
mA
Total Power Dissipation
PT
150
mW
Junction Temperature
Tj
125
C
Storage Temperature
Tstg
55 to +125
C
ELECTRICAL CHARACTERISTICS (TA = 25
C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Collector Cutoff Current
ICBO
0.1
AVCB = 15 V, IE = 0
Emitter Cutoff Current
IEBO
0.1
AVEB = 1 V, IC = 0
Collector Saturation Voltage
VCE(sat)
0.5
V
hFE = 10, IC = 5 mA
DC Current Gain
hFE
40
100
200
VCE = 5 V, IC = 5 mA *1
Gain Bandwidth Product
fT
5.5
GHz
VCE = 5 V, IC = 5 mA, f = 1.0 GHz
Output Capacitance
Cob
0.7
0.9
pF
VCB = 5 V, IE = 0, f = 1.0 MHz
Insertion Gain
S21e2
5.0
dB
VCE = 5 V, IC = 5 mA, f = 1.0 MHz
*1 Pulsed: PW = 35
S, Duty Cycle  2 %
hFE Classification
Class
T72
T73
T74
Marking
T72
T73
T74
hFE
40 to 80
60 to 120
100 to 200
PACKAGE DIMENSIONS
(Units: mm)
1.5
2
1
3
Marking
PIN CONNECTIONS
1.
2.
3.
Emitter
Base
Collector
2.8±0.2
0.65
+0.1
−0.15


Similar Part No. - 2SC4568

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4568 RENESAS-2SC4568 Datasheet
242Kb / 8P
SILICON TRANSISTOR
2001
More results

Similar Description - 2SC4568

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4569 NEC-2SC4569 Datasheet
51Kb / 8P
UHF TV TUNER OSC/MIXER NPN SILICON EPITAXIAL TRANSISTOR
2SC5431 NEC-2SC5431 Datasheet
55Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR FOR UHF TUNER OSC/MIX
logo
NTE Electronics
NTE161 NTE-NTE161 Datasheet
24Kb / 2P
Silicon NPN Transistor VHF-UHF Amplifier, Mixer/Osc
logo
Samsung semiconductor
KSC1070 SAMSUNG-KSC1070 Datasheet
146Kb / 4P
NPN (UHF TV TUNER RF AMPLIFIERLIFIER, MIXER)
KSC2734 SAMSUNG-KSC2734 Datasheet
93Kb / 3P
NPN (MIXER, OSC. FOR UHF TV TUNER)
KSC3120 SAMSUNG-KSC3120 Datasheet
67Kb / 2P
NPN (MIXER FOR UHF TV TUNER)
logo
Toshiba Semiconductor
2SC3120 TOSHIBA-2SC3120_07 Datasheet
667Kb / 5P
Silicon NPN Epitaxial Planar Type TV Tuner, UHF Mixer Applications
2SC3862 TOSHIBA-2SC3862_07 Datasheet
614Kb / 4P
Silicon NPN Epitaxial Planar Type TV Tuner, UHF Mixer Applications
logo
New Jersey Semi-Conduct...
2SC313 NJSEMI-2SC313 Datasheet
203Kb / 2P
Silicon NPN Transistor VHF-UHF Amplifier, Mixer/Osc
2SC313 NJSEMI-2SC313 Datasheet
203Kb / 2P
SILICON NPN TRANSISTOR VHF-UHF AMPLIFIER, MIXER/OSC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com