Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4571 Datasheet(PDF) 3 Page - NEC

Part # 2SC4571
Description  NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4571 Datasheet(HTML) 3 Page - NEC

  2SC4571 Datasheet HTML 1Page - NEC 2SC4571 Datasheet HTML 2Page - NEC 2SC4571 Datasheet HTML 3Page - NEC 2SC4571 Datasheet HTML 4Page - NEC 2SC4571 Datasheet HTML 5Page - NEC 2SC4571 Datasheet HTML 6Page - NEC 2SC4571 Datasheet HTML 7Page - NEC 2SC4571 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
2SC4571
TYPICAL CHARACTERISTICS (TA = 25
C)
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
150
100
50
0
50
100
150
Ta-Ambient Temperature-
°C
10
50
20
100
200
0.5
1
5
210
20
50
IC-Collector Current-mA
DC CURRENT GAIN vs.
COLLECTOR CURRENT
0
8
16
24
0.2
0.4
0.6
0.8
1.0
VBE-Base to Emitter Voltage-V
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
VCE = 5 V
8
4
16
12
INSERTION POWER GAIN vs.
COLLECTOR CURRENT
Free Air
120 mW
0
10
20
30
246
8
10
VCE-Collector to Emitter Voltage-V
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
100 A
µ
80 A
µ
60 A
µ
40 A
µ
IB = 120 A
µ
VCE = 5 V
0
0.5
1
5
210
20
50
IC-Collector Current-mA
0
2
4
6
8
17
5
3
10
100
50 70
30
0.5
IC-Collector Current-mA
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
f = 1 GHz
f = 1 GHz
VCE = 5 V
3 V
VCE = 5 V
3 V
20 A
µ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com