Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4571 Datasheet(PDF) 2 Page - NEC

Part # 2SC4571
Description  NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4571 Datasheet(HTML) 2 Page - NEC

  2SC4571 Datasheet HTML 1Page - NEC 2SC4571 Datasheet HTML 2Page - NEC 2SC4571 Datasheet HTML 3Page - NEC 2SC4571 Datasheet HTML 4Page - NEC 2SC4571 Datasheet HTML 5Page - NEC 2SC4571 Datasheet HTML 6Page - NEC 2SC4571 Datasheet HTML 7Page - NEC 2SC4571 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
2SC4571
ELECTRICAL CHARACTERISTICS (TA = 25
C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Collector Cutoff Current
ICBO
0.1
AVCB = 15 V, IE = 0
Emitter Cutoff Current
IEBO
0.1
AVEB = 1 V, IC = 0
Collector Saturation Voltage
VCE(sat)
0.5
V
hFE = 10, IC = 5 mA
DC Current Gain
hFE
40
100
200
VCE = 5 V, IC = 5 mA
*1
Gain Bandwidth Product
fT
5.0
GHz
VCE = 5 V, IC = 5 mA
Output Capacitance
Cob
0.9
1.2
pF
VCB = 3 V, IE = 0, f = 1 MHz
Insertion Power Gain
S21e2
5.0
dB
VCE = 5 V, IC = 5 mA, f = 1 GHz
*1 Pulse: Measurement PW
 350 s, Duty Cycle  2 %
hFE Classification
Rank
T75
T76
T77
Marking
T75
T76
T77
hFE
40 to 80
60 to 120
100 to 200



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com