Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB525SP-E Datasheet(PDF) 9 Page - STMicroelectronics

Part # VB525SP-E
Description  High voltage ignition coil driver power integrated circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB525SP-E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VB525SP-E Datasheet HTML 5Page - STMicroelectronics VB525SP-E Datasheet HTML 6Page - STMicroelectronics VB525SP-E Datasheet HTML 7Page - STMicroelectronics VB525SP-E Datasheet HTML 8Page - STMicroelectronics VB525SP-E Datasheet HTML 9Page - STMicroelectronics VB525SP-E Datasheet HTML 10Page - STMicroelectronics VB525SP-E Datasheet HTML 11Page - STMicroelectronics VB525SP-E Datasheet HTML 12Page - STMicroelectronics VB525SP-E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
VB525SP-E
Electrical characteristics
Doc ID 18022 Rev 2
9/19
3
Electrical characteristics
5.3 V < Vbat < 24 V; VCC = 5 V ±10 %; -40 °C < Tj < 125 °C; Rcoil =580 mΩ; Lcoil =3.75mH
unless otherwise specified(a).
a.
Parametric degradation are allowed with 5.3 V< Vb < 10 V and Vb >24V.
Table 5.
Electrical characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max Unit
Vcl
High voltage clamp
Icoil = 6.5 A
320
380
420
V
Vlcl
Low voltage clamp
Icoil = 6.5 A; Tj =Tsd
30
40
50
V
Vce(sat)
Power stage
saturation voltage
IC =6A; VIN =4V
1.5
2
V
ICC(stdby)
Standby supply
current
IN = Off
11
mA
ICC
DC logic current
Vb =16V; IC = 6.5 A; f = 100 Hz;
Load = Coil; VCC =5.5 V
40
mA
ICC(peak)
Peak DC logic current
during on phase
IC = 6.5 A
100
150
mA
VCC
DC logic voltage
4.5
5.5
V
Icl
Coil current limit
-40 °C < Tj < 125 °C
(1)
911
A
Ic(off)
Output off-state
current
IN = Off; VHVC =24V; VCC =5V;
Tj =25°C
5mA
VINH
High level input
voltage
VCC =4.5 V
4
VCC
V
VINL
Low level input voltage VCC = 5.5 V
-0.3
0.8
V
VIN(hyst)
Input threshold
hysteresis
0.4
V
IINH
High level input
current
VIN =4V
100
µA
IINL
Low level input current VIN =0.8 V
0
30
µA
IINpd
Input active pull down
VIN =4V
10
100
µA
VdiagH
High level flag output
voltage
REXT =22KΩ; CEXT =1nF
(2)
VCC - 1
VCC
V
VdiagL
Low level flag output
voltage
REXT =22KΩ; CEXT =1nF
(2)
0.5
V
IdiagTH
Coil current level
threshold
Tj = 25 °C
4.25
4.5
4.75
A
IdiagTD
Coil current level
threshold drift
(See Figure 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com