Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB525SP-E Datasheet(PDF) 5 Page - STMicroelectronics

Part # VB525SP-E
Description  High voltage ignition coil driver power integrated circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB525SP-E Datasheet(HTML) 5 Page - STMicroelectronics

  VB525SP-E Datasheet HTML 1Page - STMicroelectronics VB525SP-E Datasheet HTML 2Page - STMicroelectronics VB525SP-E Datasheet HTML 3Page - STMicroelectronics VB525SP-E Datasheet HTML 4Page - STMicroelectronics VB525SP-E Datasheet HTML 5Page - STMicroelectronics VB525SP-E Datasheet HTML 6Page - STMicroelectronics VB525SP-E Datasheet HTML 7Page - STMicroelectronics VB525SP-E Datasheet HTML 8Page - STMicroelectronics VB525SP-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
VB525SP-E
Block diagram and pin description
Doc ID 18022 Rev 2
5/19
1
Block diagram and pin description
Figure 1.
Block diagram
Table 2.
Pin function
Pin number
Name
Function
1, 5
LGND
Signal ground
2, 3, 4
GND
Emitter power ground
6E
Enable(1)
1.
When grounded the input is enabled
7VCC
Logic supply voltage
8
BD
Base darlington
9
INPUT
Logic input channel (internal pull down)
10
FLAG
Diagnostic output signal (open emitter)
Tab
HVC
Primary coil output driver (open collector)
DRIVER
GND
REFERENCE
RSENSE
VCC
HVC
VIN
QUASI PROP.
BASE CURRENT
-
THERMAL
PROTECTION
BD
E
DIAGNOSTIC
OUTPUT
VCC
VR
VF1
VLIM
VTH
SN
LIMITER
LGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com