Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER25LD Datasheet(PDF) 1 Page - STMicroelectronics

Part # VIPER25LD
Description  Off-line high voltage converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER25LD Datasheet(HTML) 1 Page - STMicroelectronics

  VIPER25LD Datasheet HTML 1Page - STMicroelectronics VIPER25LD Datasheet HTML 2Page - STMicroelectronics VIPER25LD Datasheet HTML 3Page - STMicroelectronics VIPER25LD Datasheet HTML 4Page - STMicroelectronics VIPER25LD Datasheet HTML 5Page - STMicroelectronics VIPER25LD Datasheet HTML 6Page - STMicroelectronics VIPER25LD Datasheet HTML 7Page - STMicroelectronics VIPER25LD Datasheet HTML 8Page - STMicroelectronics VIPER25LD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
July 2010
Doc ID 15585 Rev 4
1/40
40
VIPER25
Off-line high voltage converters
Features
800 V avalanche rugged power section
Quasi-resonant (QR) control for valley
switching operation
Standby power < 50 mW at 265 Vac
Limiting current with adjustable set point
Adjustable and accurate overvoltage
protection
On-board soft-start
Safe auto-restart after a fault condition
Hysteretic thermal shutdown
Applications
Adapters for PDA, camcorders, shavers,
cellular phones, cordless phones, videogames
Auxiliary power supply for LCD/PDP TV,
monitors, audio systems, computer, industrial
systems, LED driver, No el-cap LED driver,
utility power meter
SMPS for set-top boxes, DVD players and
recorders, white goods
Description
The device is an off-line converter with an 800 V
rugged power section, a PWM control, double
levels of overcurrent protection, overvoltage and
overload protections, hysteretic thermal
protection, soft-start and safe auto-restart after
any fault condition removal. Burst mode operation
and device very low consumption helps to meet
the standby energy saving regulations. The quasi-
resonant feature reduces EMI filter cost. Brown-
out and brown-in function protects the switch
mode power supply when the rectified input
voltage level is below the normal minimum level
specified for the system. The high voltage start-up
circuit is embedded in the device.
Figure 1.
Typical topology
SO-16
DIP-7
SO16 narrow
Table 1.
Device summary
Order codes
Package
Packaging
VIPER25LN / VIPER25HN
DIP-7
Tube
VIPER25HD / VIPER25LD
SO16 narrow
Tube
VIPER25HDTR / VIPER25LDTR
Tape and reel
www.st.com


Similar Part No. - VIPER25LD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER25LN STMICROELECTRONICS-VIPER25LN Datasheet
1Mb / 40P
Off-line high voltage converters
21-Jul-2010
More results

Similar Description - VIPER25LD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33363 ONSEMI-MC33363 Datasheet
399Kb / 12P
HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
REV 3
MC33363A ONSEMI-MC33363A Datasheet
399Kb / 12P
HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1998 REV 1
logo
STMicroelectronics
VIPER17 STMICROELECTRONICS-VIPER17 Datasheet
1Mb / 31P
Off-line high voltage converters
19-Feb-2008
VIPER28 STMICROELECTRONICS-VIPER28 Datasheet
1Mb / 29P
Off-line high voltage converters
30-Sep-2008
VIPER17_0810 STMICROELECTRONICS-VIPER17_0810 Datasheet
1Mb / 33P
Off-line high voltage converters
30-Sep-2008
VIPER27LN STMICROELECTRONICS-VIPER27LN Datasheet
1Mb / 31P
Off-line high voltage converters
30-Jul-2010
VIPER28HDTR STMICROELECTRONICS-VIPER28HDTR Datasheet
1Mb / 32P
Off-line high voltage converters
08-Jan-2013
VIPER25LN STMICROELECTRONICS-VIPER25LN Datasheet
1Mb / 40P
Off-line high voltage converters
21-Jul-2010
VIPER15 STMICROELECTRONICS-VIPER15 Datasheet
1Mb / 40P
Off-line high voltage converters
27-Aug-2010
VIPER27 STMICROELECTRONICS-VIPER27 Datasheet
1Mb / 31P
Off-line high voltage converters
July 2010 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com