Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDFBP05VL Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # ESDFBP05VL
Description  ESD Protection Diode With Ultra-Low Capacitance
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

ESDFBP05VL Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  ESDFBP05VL Datasheet HTML 1Page - Bruckewell Technology LTD ESDFBP05VL Datasheet HTML 2Page - Bruckewell Technology LTD ESDFBP05VL Datasheet HTML 3Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Bruckewell Technology Corp., Ltd.
ESD Protection Diode With Ultra-Low Capacitance
ESDFBP05VL
The ESDFBP05V is designed to protect voltage sensitive components
that require ultra-low capacitance from ESD and transient voltage
events. Excellent clamping capability
, low capacitance, low leakage, and
fast response time, make these parts ideal for ESD protection on
designs where board space is at a premium.
Because of its low capacitance, it is suited for use in high frequency
designs such as USB high speed and antenna line applications.
FEATURES
• Ultra Low Capacitance 0.5 pF
• Low Clamping Voltage
• Small Body Outline Dimensions:
• Stand-off Voltage: 5 V
• Low Leakage
• Response Time is Typically < 1.0 ns
• IEC61000-4-2 Level 4 ESD Protection
• This is a Pb-Free Device
WBFBP-02C
Complies with the following standards
IEC61000-4-2 Level 4
15 kV (air discharge)
8 kV(contact discharge)
MIL STD 883E - Method 3015-7 Class 3
25 kV HBM (Human Body Model)
Maximum ratings (limiting value)
Parameter
Symbol
Value
Unit
IEC 61000-4-2 (ESD) Contact
8
KV
ESD Voltage Per Human Body Model
25
KV
Per Machine Model
TJ
400.0
V
Peak Pulse Power (tp = 8/20µs) @ TA=25
℃
PD
100
W
Junction and Storage Temperature Range
TJ,TSTG
-55 to 150
℃
Lead Solder Temperature – Maximum (10 Second
Duration)
TL
260
℃


Similar Part No. - ESDFBP05VL

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
ESDFBP05CL BWTECH-ESDFBP05CL Datasheet
227Kb / 3P
Ultra Low Cj Single Line ESD Protection Diode
More results

Similar Description - ESDFBP05VL

ManufacturerPart #DatasheetDescription
logo
Rohm
RSAC16CS ROHM-RSAC16CS Datasheet
1Mb / 4P
Ultra Low Capacitance ESD Protection Diode
RSAC18CS ROHM-RSAC18CS Datasheet
1Mb / 4P
Ultra Low Capacitance ESD Protection Diode
logo
Bruckewell Technology L...
ESD5L5V BWTECH-ESD5L5V Datasheet
901Kb / 3P
ESD Protection Diode With Ultra-Low Capacitance
logo
Rectron Semiconductor
ESD3Z3V3D RECTRON-ESD3Z3V3D Datasheet
291Kb / 5P
Ultra Low Capacitance ESD Protection Diode
ESD3Z5.0D RECTRON-ESD3Z5.0D Datasheet
300Kb / 5P
Ultra Low Capacitance ESD Protection Diode
ESD05D6DV RECTRON-ESD05D6DV Datasheet
227Kb / 5P
Ultra Low Capacitance ESD Protection Diode
ESD5Z3.3D RECTRON-ESD5Z3.3D Datasheet
235Kb / 4P
Ultra Low Capacitance ESD Protection Diode
ESD0301DV RECTRON-ESD0301DV Datasheet
247Kb / 4P
Ultra Low Capacitance ESD Protection Diode
ESD0501LD RECTRON-ESD0501LD Datasheet
242Kb / 4P
Ultra Low Capacitance ESD Protection Diode
ESD0501LDV RECTRON-ESD0501LDV Datasheet
244Kb / 4P
Ultra Low Capacitance ESD Protection Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com