Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDFBP05VL Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # ESDFBP05VL
Description  ESD Protection Diode With Ultra-Low Capacitance
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

ESDFBP05VL Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  ESDFBP05VL Datasheet HTML 1Page - Bruckewell Technology LTD ESDFBP05VL Datasheet HTML 2Page - Bruckewell Technology LTD ESDFBP05VL Datasheet HTML 3Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Bruckewell Technology Corp., Ltd.
Electrical Characteristics
VBR
VF
Cj
min
IT
VRWM
Max
IF
IR
TYP
Part Numbers
V
mA
V
V
mA
uA
PF
ESDFBP05VL
6.0
1
3.3
1.0
10
1
0.5
1. Capacitance is measured at f=1MHz, VR=0V,TA=25℃.
2. VBR is measured with a pulse test current ITat an ambient temperature of 25°C.
Fig 1. Positive 8kV contact per
IEC61000-4-2
Fig 2. Negative 8kV contact per IEC
61000-4-2-SESD5L5V 61000-4-2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com