Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDFBP05CL Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # ESDFBP05CL
Description  Ultra Low Cj Single Line ESD Protection Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

ESDFBP05CL Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  ESDFBP05CL Datasheet HTML 1Page - Bruckewell Technology LTD ESDFBP05CL Datasheet HTML 2Page - Bruckewell Technology LTD ESDFBP05CL Datasheet HTML 3Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ESDFBP05CL
Ultra Low Cj Single Line ESD Protection Diode
General Description
The ESDFBP05CL ESD protection diode is designed
to replace multilayer varistors (MLVs) in portable
applications such as cell phones, notebook computers, and
PDA’s. They feature large cross-sectional area junctions for
conducting high transient currents, offer desirable electrical
characteristics for board level protection, such as fast
response time, lower operating voltage, lower clamping
voltage and no device degradation when compared to
MLVs.
Applications
Cellular phones handsets and Accessories
PDA’s
MP3 players
Digital cameras
Portable applications
mobile telephone
Features
Equivalent to 0402 package
120W peak pulse power
Small package for use in portable electionics
Standoff voltage : 5V
Low leakage current
These are Pb−Free Devices
Complies with the following standards
IEC61000-4-2
Level 4
15 kV (air discharge)
8 kV(contact discharge)
MIL STD 883E - Method 3015-7 Class 3
25 kV HBM (Human Body Model)
Functional diagram
WBFBP-02L
Maximum Ratings
Symbol
Parameter
Value
Unit
IEC 61000-4-2 (ESD) Contact
8
kV
PPK
Peak Pulse Power
120
W
IPP
Peak Pulse Power
12
A
TJ,TSTG
Junction and Storage Temperature Range
-55 to 150
TL
Lead Solder Temperature – Maximum (10 Second Duration)
260
Revision: O


Similar Part No. - ESDFBP05CL

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
ESDFBP05VL BWTECH-ESDFBP05VL Datasheet
902Kb / 3P
ESD Protection Diode With Ultra-Low Capacitance
More results

Similar Description - ESDFBP05CL

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPE9X5VU SYNC-POWER-SPE9X5VU Datasheet
179Kb / 5P
Ultra Low Capacitance Single-Line ESD Protection Array
logo
Vishay Siliconix
VBUS051CD-HD1 VISHAY-VBUS051CD-HD1 Datasheet
534Kb / 5P
Low Capacitance, Single-Line ESD-Protection Diode
13-Jul-10
VBUS051BD-HD1 VISHAY-VBUS051BD-HD1 Datasheet
146Kb / 6P
Low Capacitance, Single-Line ESD-Protection Diode
16-Apr-08
VBUS051BD-HD1-GS08 VISHAY-VBUS051BD-HD1-GS08 Datasheet
141Kb / 6P
Low Capacitance, Single-Line ESD-Protection Diode
23-May-12
logo
SYNC POWER Crop.
SPE5Z5VU SYNC-POWER-SPE5Z5VU_11 Datasheet
146Kb / 5P
Ultra Low Capacitance Single-Line ESD Protection Array
logo
Bruckewell Technology L...
SESDFBP05C BWTECH-SESDFBP05C Datasheet
286Kb / 3P
Single Line ESD Protection Diode
ESDFN05CU BWTECH-ESDFN05CU Datasheet
513Kb / 5P
Single Line ESD Protection Diode
logo
Vishay Siliconix
VLIN1616-02G VISHAY-VLIN1616-02G Datasheet
113Kb / 6P
Low Capacitance, Single-Line ESD Protection Diode
19-Jul-17
VBUS051BD-HD1 VISHAY-VBUS051BD-HD1_V01 Datasheet
154Kb / 6P
Low Capacitance, Single-Line ESD Protection Diode
20-May-2021
VBUS051CD-HD1 VISHAY-VBUS051CD-HD1_V01 Datasheet
117Kb / 6P
Low Capacitance, Single-Line ESD Protection Diode
20-May-2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com