Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDFBP05CL Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # ESDFBP05CL
Description  Ultra Low Cj Single Line ESD Protection Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

ESDFBP05CL Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  ESDFBP05CL Datasheet HTML 1Page - Bruckewell Technology LTD ESDFBP05CL Datasheet HTML 2Page - Bruckewell Technology LTD ESDFBP05CL Datasheet HTML 3Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ESDFBP05CL
Electrical Parameter
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @
VRWM
IT
Test Current
VBR
Breakdown Voltage @ IT
Electrical Characteristics (TA=25℃ unless otherwise noted, VF=0.9V Max. @ IF=10mA for all types)
VBR
C
Min.
Typ.
Max.
IT
VRWM
IR
Typ. 2v bias
Part Numbers
V
V
V
mA
V
µA
pF
ESDFBP05CL
6.1
6.6
7.2
1
5.0
1
3
Typical Characteristics
Figure 1. Non-Repetitive Peak Pulse Power
Fig 2. Power Derating Curve
versus Pulse Time



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com