Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2132STR Datasheet(PDF) 21 Page - International Rectifier

Part # IR2132STR
Description  3-PHASE BRIDGE DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2132STR Datasheet(HTML) 21 Page - International Rectifier

Back Button IR2132STR Datasheet HTML 13Page - International Rectifier IR2132STR Datasheet HTML 14Page - International Rectifier IR2132STR Datasheet HTML 15Page - International Rectifier IR2132STR Datasheet HTML 16Page - International Rectifier IR2132STR Datasheet HTML 17Page - International Rectifier IR2132STR Datasheet HTML 18Page - International Rectifier IR2132STR Datasheet HTML 19Page - International Rectifier IR2132STR Datasheet HTML 20Page - International Rectifier IR2132STR Datasheet HTML 21Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
IR2132
CONTROL INTEGRATED CIRCUIT DESIGNERS’ MANUAL B-185
Figure 52. IR2132 TJ vs. Frequency (IRF840)
RGATE = 15Ω
Ω
Ω
Ω
Ω,VCC = 15V
Figure 53. IR2132 TJ vs. Frequency (IRF450)
RGATE = 10Ω
Ω
Ω
Ω
Ω,VCC = 15V
Figure 50. IR2132 TJ vs. Frequency (IRF820)
RGATE = 33Ω
Ω
Ω
Ω
Ω,VCC = 15V
Figure 51. IR2132 TJ vs. Frequency (IRF830)
RGATE = 20Ω
Ω
Ω
Ω
Ω,VCC = 15V
Figure 54. Maximum VS Negative Offset vs. VBS Supply
Voltage
20
25
30
35
40
45
50
1E+2
1E+3
1E+4
1E+5
Frequency (Hz)
320V
160V
0V
480V
20
40
60
80
100
1E+2
1E+3
1E+4
1E+5
Frequency (Hz)
320V
160V
0V
480V
20
25
30
35
40
45
50
1E+2
1E+3
1E+4
1E+5
Frequency (Hz)
320V
160V
0V
480V
20
40
60
80
100
120
140
1E+2
1E+3
1E+4
1E+5
Frequency (Hz)
320V
160V
0V
480V
-15.0
-12.0
-9.0
-6.0
-3.0
0.0
10
12
14
16
18
20
VBS Floating Supply Voltage (V)
Typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com