Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2132STR Datasheet(PDF) 13 Page - International Rectifier

Part # IR2132STR
Description  3-PHASE BRIDGE DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2132STR Datasheet(HTML) 13 Page - International Rectifier

Back Button IR2132STR Datasheet HTML 9Page - International Rectifier IR2132STR Datasheet HTML 10Page - International Rectifier IR2132STR Datasheet HTML 11Page - International Rectifier IR2132STR Datasheet HTML 12Page - International Rectifier IR2132STR Datasheet HTML 13Page - International Rectifier IR2132STR Datasheet HTML 14Page - International Rectifier IR2132STR Datasheet HTML 15Page - International Rectifier IR2132STR Datasheet HTML 16Page - International Rectifier IR2132STR Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
IR2132
CONTROL INTEGRATED CIRCUIT DESIGNERS’ MANUAL B-177
Figure 25A. Low Level Output vs. Temperature
Figure 25B. Low Level Output vs. Voltage
Figure 24A. High Level Output vs. Temperature
Figure 24B. High Level Output vs. Voltage
Figure 26A. Offset Supply Leakage Current
vs. Temperature
Figure 26B. Offset Supply Leakage Current vs. Voltage
0.00
0.20
0.40
0.60
0.80
1.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
0.00
0.20
0.40
0.60
0.80
1.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
0.00
0.20
0.40
0.60
0.80
1.00
10
12
14
16
18
20
VBIAS Supply Voltage (V)
Max.
0.00
0.20
0.40
0.60
0.80
1.00
10
12
14
16
18
20
VBIAS Supply Voltage (V)
Max.
0
100
200
300
400
500
0
100
200
300
400
500
600
VB Boost Voltage (V)
Max.
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com