Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

441-R352-GR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 441-R352-GR
Description  Max-Blade Fuse Holder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

441-R352-GR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  441-R352-GR Datasheet HTML 1Page - List of Unclassifed Manufacturers 441-R352-GR Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
7.50±.10
(.295±.004)
10±.10
(.394±.004)
18±.10
(.709±.004)
ø2 x 2
(ø.79)
ø2.30
(ø.091)
6±.10
(.236±.004)
)
19.50±.15
(.768±.006)
6 (.24)
6 (.24)
10 (.394)
4.80±.05
(.189±.002)
4.50 (.177)
.40 (.016)
Tolerance .30 (.012) except noted.
9 (.35)
10 (.394)
21 (.827)
.95 (.037)
23±.15 (.906±.006)
Max-Blade Fuse Holder
441-R352-GR
Available from Mouser Electronics
1-800-346-6873
www.mouser.com
EPD-200532
SPECIFICATIONS
20A / 24VDC
50m Ω max.
500VDC 100M Ω min.
1500VAC, 1 minute
Nylon #66
Rating:
Contact Resistance:
Insulation Resistance:
Dielectric Strength:
Body:
Date Last Revised: 3/5/07
Dimensions: mm (in.)
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.
RoHS Compliant


Similar Part No. - 441-R352-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
441-R354-GR ETC2-441-R354-GR Datasheet
83Kb / 2P
Fuse Holder
441-R357-GRX ETC2-441-R357-GRX Datasheet
83Kb / 2P
Fuse Holder
441-R359A-GR ETC2-441-R359A-GR Datasheet
85Kb / 2P
Fuse Holders
441-R359B-GR ETC2-441-R359B-GR Datasheet
85Kb / 2P
Fuse Holders
441-R359C-GR ETC2-441-R359C-GR Datasheet
85Kb / 2P
Fuse Holders
More results

Similar Description - 441-R352-GR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
01530008Z LITTELFUSE-01530008Z Datasheet
194Kb / 1P
Blade Fuse Holders - PCB Mount Fuse Holder for MINI짰 Style Blade Fuse
01520001TXN LITTELFUSE-01520001TXN Datasheet
183Kb / 1P
Fuse Holder for MAXI짰 Style Blade Fuse
0FHA0001ZXJ LITTELFUSE-0FHA0001ZXJ Datasheet
586Kb / 1P
INLINE FUSE HOLDER FOR ATO STYLE BLADE FUSE
178-4252-000 LITTELFUSE-178-4252-000 Datasheet
351Kb / 3P
Blade Fuse Holders - FKH Stackable Fuse Holder
178-4265-0002 LITTELFUSE-178-4265-0002 Datasheet
1Mb / 3P
FLR PCB FUSE HOLDER FOR ATO짰 STYLE BLADE FUSE RATED 58V
01530007LXN LITTELFUSE-01530007LXN Datasheet
264Kb / 2P
PCB MOUNT FUSE HOLDER FOR MINI STYLE BLADE FUSE
01000057Z LITTELFUSE-01000057Z Datasheet
241Kb / 1P
PCB Fuse Holder for ATO짰 Style Blade Fuse
Revised: 05/07/20
178.4265.0002 LITTELFUSE-178.4265.0002_V01 Datasheet
1Mb / 3P
FLR PCB FUSE HOLDER FOR ATO짰 STYLE BLADE FUSE RATED 58V/80V
Rev: 052716
ATOFKH LITTELFUSE-ATOFKH Datasheet
150Kb / 1P
ATO짰 FKH SERIES 32V BLADE FUSE HOLDER
2021
MAXIMAH LITTELFUSE-MAXIMAH Datasheet
277Kb / 1P
IN-LINE BLADE FUSE HOLDER
2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com