Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

441-R354-GR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 441-R354-GR
Description  Fuse Holder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

441-R354-GR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  441-R354-GR Datasheet HTML 1Page - List of Unclassifed Manufacturers 441-R354-GR Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
32.50±.50
(1.28±.02)
40.60±1
(1.60±.039)
2.80±.03
(.11±.001)
1.40
(.055)
2
(.079)
2.40
(.094)
2.40
(.094)
2.80
(.11)
1.40
(.055)
.50
(.02)
ø16
(ø.63)
ø12.70±.20
(ø.50±.008)
R3-54
6.3A 250VAC
Panel thickness
0.75~3.5mm
Mount Hole
12 ±.10
(.472±.004)
Dimensions: mm (in.)
Fuse Holder
441-R354-GR
Available from Mouser Electronics
1-800-346-6873
www.mouser.com
EPD-200524
SPECIFICATIONS
6.3A / 250V AC
500VDC 100M Ω min.
1500VAC, 1 minute
5 x 20mm
0.75 ~ 3.5mm
Nylon
Rating:
Insulation Resistance:
Dielectric Strength:
Fuse Size:
Panel Thickness:
Base & Cover:
Date Last Revised: 3/5/07
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.
RoHS Compliant


Similar Part No. - 441-R354-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
441-R352-GR ETC2-441-R352-GR Datasheet
81Kb / 2P
Max-Blade Fuse Holder
441-R357-GRX ETC2-441-R357-GRX Datasheet
83Kb / 2P
Fuse Holder
441-R359A-GR ETC2-441-R359A-GR Datasheet
85Kb / 2P
Fuse Holders
441-R359B-GR ETC2-441-R359B-GR Datasheet
85Kb / 2P
Fuse Holders
441-R359C-GR ETC2-441-R359C-GR Datasheet
85Kb / 2P
Fuse Holders
More results

Similar Description - 441-R354-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
441-R3-13-GRX ETC1-441-R3-13-GRX Datasheet
97Kb / 2P
Fuse Holder
441-R314A-GRX ETC2-441-R314A-GRX Datasheet
99Kb / 2P
Fuse Holder
441-R314C-GRX ETC2-441-R314C-GRX Datasheet
103Kb / 2P
Fuse Holder
441-R324-GR ETC2-441-R324-GR Datasheet
73Kb / 2P
Fuse Holder
441-R344B-GR ETC2-441-R344B-GR Datasheet
82Kb / 2P
Fuse Holder
441-R349A-GR ETC2-441-R349A-GR Datasheet
83Kb / 2P
Fuse Holder
441-R367-GR ETC2-441-R367-GR Datasheet
82Kb / 2P
Fuse Holder
logo
Keystone Electronics Co...
3569 KEYSTONE-3569 Datasheet
179Kb / 1P
FUSE HOLDER
9.22.08
logo
Eaton All Rights Reserv...
BSCR EATON-BSCR Datasheet
262Kb / 1P
Fuse holder
January 2023
HMX EATON-HMX Datasheet
483Kb / 1P
Fuse holder
November 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com