Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

441-R357-GRX Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 441-R357-GRX
Description  Fuse Holder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

441-R357-GRX Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  441-R357-GRX Datasheet HTML 1Page - List of Unclassifed Manufacturers 441-R357-GRX Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fuse Holder
441-R357-GRX
Available from Mouser Electronics
1-800-346-6873
www.mouser.com
EPD-200770
Date Last Revised: 4-6-09
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.
ø15
(ø.59)
10
(.393)
3
(.118)
31
(1.22)
31.5
(1.24)
42.2
(1.66)
4.75±.05
(.187±.002)
M13x1.0
ø13.2±.20
(ø.519±.008)
2.1±.20
(.083±.008)
14.3±.20
(.536±.008)
Mounting Hole
SPECIFICATIONS
• Rating: 10A/250VAC
• Insulation Resistance: 500VDC 100MΩ Min.
• Dielectric Strength: 1500VAC 1 minute
• Fuse Size: ø5.2x20mm
• RoHS Compliant by Exemption
Dimensions: mm (in.)


Similar Part No. - 441-R357-GRX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
441-R352-GR ETC2-441-R352-GR Datasheet
81Kb / 2P
Max-Blade Fuse Holder
441-R354-GR ETC2-441-R354-GR Datasheet
83Kb / 2P
Fuse Holder
441-R359A-GR ETC2-441-R359A-GR Datasheet
85Kb / 2P
Fuse Holders
441-R359B-GR ETC2-441-R359B-GR Datasheet
85Kb / 2P
Fuse Holders
441-R359C-GR ETC2-441-R359C-GR Datasheet
85Kb / 2P
Fuse Holders
More results

Similar Description - 441-R357-GRX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
441-R3-13-GRX ETC1-441-R3-13-GRX Datasheet
97Kb / 2P
Fuse Holder
441-R314C-GRX ETC2-441-R314C-GRX Datasheet
103Kb / 2P
Fuse Holder
441-R324-GR ETC2-441-R324-GR Datasheet
73Kb / 2P
Fuse Holder
441-R344B-GR ETC2-441-R344B-GR Datasheet
82Kb / 2P
Fuse Holder
441-R349A-GR ETC2-441-R349A-GR Datasheet
83Kb / 2P
Fuse Holder
441-R354-GR ETC2-441-R354-GR Datasheet
83Kb / 2P
Fuse Holder
441-R367-GR ETC2-441-R367-GR Datasheet
82Kb / 2P
Fuse Holder
logo
Keystone Electronics Co...
3569 KEYSTONE-3569 Datasheet
179Kb / 1P
FUSE HOLDER
9.22.08
logo
Eaton All Rights Reserv...
BSCR EATON-BSCR Datasheet
262Kb / 1P
Fuse holder
January 2023
HMX EATON-HMX Datasheet
483Kb / 1P
Fuse holder
November 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com