Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

441-R367-GR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 441-R367-GR
Description  Fuse Holder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

441-R367-GR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  441-R367-GR Datasheet HTML 1Page - List of Unclassifed Manufacturers 441-R367-GR Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fuse Holder
441-R367-GR
Available from Mouser Electronics
1-800-346-6873
www.mouser.com
EPD-200776
Date Last Revised: 4-10-09
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.
36±.30
(1.42±.012)
31±.30
(1.22±.012)
29±.30
(1.14±.012)
26.5±.30
(1.04±.012)
10.3±.30
(.41±.012)
10±.20
(.39±.008)
8.5±.20
(.335±.008)
15.5±.20
(.61±.008)
5.3±.10
(.21±.004)
7.7±.10
(.30±.004)
.80±.10
(.031±.004)
2±.10
(.079±.004)
31±.10
(1.22±.004)
Mounting Hole
7.8±.10
(.31±.004)
5±.10
(.197±.004)
18.9±.20
(.744±.008)
12.8±.20
(.503±.008)
6.3±.10
(.25±.004)
SPECIFICATIONS
• Rating: 30A max. 12/24VDC
• Insulation Resistance: 500VDC 100MΩ Min.
• Dielectric Strength: 1000VAC 1 min.
• Operating Temperature: -25°C~85°C
• Fuse Type: Blade Fuse
• Terminal Push/Pull Strength: >=9.1Kgf
• RoHS Compliant
Dimensions: mm (in.)


Similar Part No. - 441-R367-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
441-R360A-GR ETC2-441-R360A-GR Datasheet
199Kb / 2P
In-Line Fuse Holders
441-R360B-GR ETC2-441-R360B-GR Datasheet
199Kb / 2P
In-Line Fuse Holders
441-R360C-GR ETC2-441-R360C-GR Datasheet
199Kb / 2P
In-Line Fuse Holders
441-R360D-GR ETC2-441-R360D-GR Datasheet
199Kb / 2P
In-Line Fuse Holders
441-R361A-GRX ETC2-441-R361A-GRX Datasheet
81Kb / 2P
Fuse Holder
More results

Similar Description - 441-R367-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
441-R3-13-GRX ETC1-441-R3-13-GRX Datasheet
97Kb / 2P
Fuse Holder
441-R314A-GRX ETC2-441-R314A-GRX Datasheet
99Kb / 2P
Fuse Holder
441-R314C-GRX ETC2-441-R314C-GRX Datasheet
103Kb / 2P
Fuse Holder
441-R324-GR ETC2-441-R324-GR Datasheet
73Kb / 2P
Fuse Holder
441-R344B-GR ETC2-441-R344B-GR Datasheet
82Kb / 2P
Fuse Holder
441-R349A-GR ETC2-441-R349A-GR Datasheet
83Kb / 2P
Fuse Holder
441-R354-GR ETC2-441-R354-GR Datasheet
83Kb / 2P
Fuse Holder
logo
Keystone Electronics Co...
3569 KEYSTONE-3569 Datasheet
179Kb / 1P
FUSE HOLDER
9.22.08
logo
Eaton All Rights Reserv...
BSCR EATON-BSCR Datasheet
262Kb / 1P
Fuse holder
January 2023
HMX EATON-HMX Datasheet
483Kb / 1P
Fuse holder
November 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com