Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4273 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # SP4273
Description  SPDT Broadband COMS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP4273 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  SP4273 Datasheet HTML 1Page - SIPAT Co,Ltd SP4273 Datasheet HTML 2Page - SIPAT Co,Ltd SP4273 Datasheet HTML 3Page - SIPAT Co,Ltd SP4273 Datasheet HTML 4Page - SIPAT Co,Ltd SP4273 Datasheet HTML 5Page - SIPAT Co,Ltd SP4273 Datasheet HTML 6Page - SIPAT Co,Ltd SP4273 Datasheet HTML 7Page - SIPAT Co,Ltd SP4273 Datasheet HTML 8Page - SIPAT Co,Ltd SP4273 Datasheet HTML 9Page - SIPAT Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Page 1 of 10
Parameter
Conditions
Typical
Units
Operation Frequency1
DC - 3000
MHz
Insertion Loss
1000 MHz
2000 MHz
0.50
0.65
dB
dB
Isolation (RFC - RF1/RF2)
1000 MHz
2000 MHz
34.5
25
dB
dB
Return Loss
1000 MHz
2000 MHz
18.5
14
dB
dB
‘ON’ Switching Time3
50% CTRL to 0.1 dB of final value, 1 GHz
0.725
µs
‘OFF’ Switching Time3
50% CTRL to 25 dB isolation, 1 GHz
0.625
µs
Video Feedthrough2,3
< 2
mVpp
Input 1 dB Compression3
1000 MHz
32
dBm
Input IP33
1000 MHz, 19 dBm input power
53
dBm
Isolation (RF1 - RF2)
1000 MHz
2000 MHz
40.5
28
dB
dB
Min
DC
32.5
23
38.5
26
30
Max
3000
0.60
0.75
1.5
1.3
RFC
RF1
RF2
CMOS
Control
Driver
V1
V2
The SP4273 RF Switch is designed for the TV tuner, PCTV, set
top box, DTV, DVR and general broadband applications. This
device offers industry leading broadband linearity, 1.5 kV ESD
tolerance and a simple CMOS interface. It offers a simple
alternative solution to pin diode and mechanical relay switches.
The SP4273 SPDT Broadband RF Switch is manufactured on
SIPAT’s CMOS process, a patented variation of
silicon-on-insulator (SOI) technology on a sapphire substrate,
offering the performance of GaAs with the economy and
integration of conventional CMOS.
Product Specification
SPDT Broadband COMS
DC – 3 GHz RF Switch
Product Description
Figure 1. Functional Diagram
SP4273
Features
• Single-pin or complementary CMOS logic
control inputs
• High ESD tolerance of 1.5 kV
• Low insertion loss: 0.50 dB at 1000 MHz,
0.65 dB at 2000 MHz
• Isolation of 34.5 dB at 1000 MHz, 25 dB at
2000 MHz
• Typical input 1 dB compression point of
+32 dBm
• Ultra-small SC-70 package
Table 1. Electrical Specifications @ +25 °C, VDD = 3 V (ZS = ZL = 75 Ω)
Figure 2. Package Type
6-lead SC-70
Notes:
1. Device linearity will begin to degrade below 10 MHz.
2. Measured with a 1 ns risetime, 0/3 V pulse and 500 MHz bandwidth.
3. Measured in a 50
Ω system.
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com


Similar Part No. - SP4273

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP4272 SIPAT-SP4272 Datasheet
660Kb / 10P
SPDT Broadband CMOS
SP42742 SIPAT-SP42742 Datasheet
1,010Kb / 5P
75  Terminated, 5 - 2200 MHz SPDT
More results

Similar Description - SP4273

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0070_V5 MA-COM-MASWSS0070_V5 Datasheet
126Kb / 5P
GaAs Broadband SPDT Switch
logo
SIPAT Co,Ltd
SP4251 SIPAT-SP4251 Datasheet
557Kb / 8P
SPDT COMS RF Switch
SP4272 SIPAT-SP4272 Datasheet
660Kb / 10P
SPDT Broadband CMOS
logo
Peregrine Semiconductor...
PE4272 PEREGRINE-PE4272 Datasheet
223Kb / 11P
SPDT Broadband UltraCMOS
logo
M/A-COM Technology Solu...
MASWSS0093 MA-COM-MASWSS0093_15 Datasheet
82Kb / 3P
GaAs Broadband SPDT Switch
logo
RF Micro Devices
RF1602 RFMD-RF1602 Datasheet
601Kb / 8P
Broadband SPDT Switch
RF1602L RFMD-RF1602L Datasheet
645Kb / 8P
Broadband SPDT Switch
RFSW1012 RFMD-RFSW1012 Datasheet
863Kb / 13P
BROADBAND SPDT SWITCH
logo
M/A-COM Technology Solu...
MASW-007588 MA-COM-MASW-007588_15 Datasheet
550Kb / 4P
GaAs Broadband SPDT Switch
MASW-007107 MA-COM-MASW-007107_15 Datasheet
718Kb / 6P
GaAs Broadband SPDT Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com