Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4273 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # SP4273
Description  SPDT Broadband COMS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP4273 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  SP4273 Datasheet HTML 1Page - SIPAT Co,Ltd SP4273 Datasheet HTML 2Page - SIPAT Co,Ltd SP4273 Datasheet HTML 3Page - SIPAT Co,Ltd SP4273 Datasheet HTML 4Page - SIPAT Co,Ltd SP4273 Datasheet HTML 5Page - SIPAT Co,Ltd SP4273 Datasheet HTML 6Page - SIPAT Co,Ltd SP4273 Datasheet HTML 7Page - SIPAT Co,Ltd SP4273 Datasheet HTML 8Page - SIPAT Co,Ltd SP4273 Datasheet HTML 9Page - SIPAT Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Product Specification
SP4273
Page 2 of 10
Table 2. Pin Descriptions
Table 3. Absolute Maximum Ratings
Electrostatic Discharge (ESD) Precautions
When handling this CMOS device, observe
the same precautions that you would use with
other ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the rating specified in Table 3.
Latch-Up Avoidance
Unlike conventional CMOS devices, CMOS
devices are immune to latch-up.
Table 4. DC Electrical Specifications
Figure 3. Pin Configuration (Top View)
1
2
3
4
5
6
V2
RFC
V1
RF1
GND
RF2
pin 1
Pin
No.
Pin
Name
Description
1
RF1
RF Port1
4
2
GND
Ground connection. Traces should be
physically short and connected to ground
plane for best performance.
3
RF2
RF Port2
4
4
V1
Switch control input, CMOS logic level.
5
RFC
RF Common
4
6
V2
This pin supports two interface options:
Single-pin control mode. A nominal 3-
volt supply connection is required.
Complementary-pin control mode. A
complementary CMOS control signal
to V1 is supplied to this pin.
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Power supply voltage
-0.3
4.0
V
VI
Voltage on any input
-0.3
VDD+
0.3
V
TST
Storage temperature
range
-65
150
°C
TOP
Operating temperature
range
-40
85
°C
PIN
Input power (50
Ω)
+34
dBm
VESD
ESD Voltage (HBM,
ML_STD 883 Method
3015.7)
1500
V
ESD Voltage (MM,
JEDEC, JESD22-A114-B)
100
V
Parameter
Min
Typ
Max
Units
VDD Power Supply
Voltage
2.7
3.0
3.3
V
IDD Power Supply Current
(V1 = 3V, V2= 3V)
8
50
µA
Control Voltage High
0.7x VDD
V
Control Voltage Low
0.3x VDD
V
Note: 4. All RF pins must be DC blocked with an external series
capacitor or held at 0 VDC.
Absolute Maximum Ratings are those values
listed in the above table. Exceeding these values
may cause permanent device damage.
Functional operation should be restricted to the
limits in the DC Electrical Specifications table.
Exposure to absolute maximum ratings for
extended periods may affect device reliability.
Figure 4. Maximum Operating Input Power5
Note: 5. Operating within DC limits (Table 4).
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com