Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMST4124 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMST4124
Description  NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMST4124 Datasheet(HTML) 1 Page - Diodes Incorporated

  MMST4124 Datasheet HTML 1Page - Diodes Incorporated MMST4124 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS30163 Rev. B-1
1 of 2
MMST4124
MMST4124
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
·
Epitaxial Planar Die Construction
·
Complementary PNP Type Available
(MMST4126)
·
Ideal for Medium Power Amplification and
Switching
·
Ultra-Small Surface Mount Package
Characteristic
Symbol
MMST4124
Unit
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
25
V
Emitter-Base Voltage
VEBO
5.0
V
Collector Current - Continuous (Note 1)
IC
200
mA
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance, Junction to Ambient (Note 1)
RqJA
625
K/W
Operating and Storage and Temperature Range
Tj,TSTG
-55 to +150
°C
Features
Maximum Ratings
@ TA = 25
°C unless otherwise specified
A
E
J
L
M
B C
H
G
D
K
TOP VIEW
C
E
B
Mechanical Data
·
Case: SOT-323, Molded Plastic
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Terminal Connections: See Diagram
·
Marking: K1B
·
Weight: 0.006 grams (approx.)
Notes:
1. Valid provided that terminals are kept at ambient temperature.
2. Pulse test: Pulse width
£ 300ms, duty cycle £ 2%.
SOT-323
Dim
Min
Max
A
0.30
0.40
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
E
0.30
0.40
G
1.20
1.40
H
1.80
2.20
J
0.0
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
All Dimensions in mm


Similar Part No. - MMST4124

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMST4124 DIODES-MMST4124 Datasheet
205Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30163 Rev. 7 - 2
MMST4124 DIODES-MMST4124 Datasheet
80Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 9 - 2 January 2009
MMST4124 DIODES-MMST4124 Datasheet
296Kb / 7P
25V NPN SMALL SIGNAL TRANSISTOR
Rev 10
MMST4124-7-F DIODES-MMST4124-7-F Datasheet
205Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30163 Rev. 7 - 2
MMST4124-7-F DIODES-MMST4124-7-F Datasheet
80Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 9 - 2 January 2009
More results

Similar Description - MMST4124

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBT3904 TRSYS-MMBT3904 Datasheet
200Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMBT5551 TRSYS-MMBT5551 Datasheet
170Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
2DC4617Q DIODES-2DC4617Q Datasheet
46Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30252 Rev. 4 - 2
MMBT3904 DIODES-MMBT3904 Datasheet
55Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30036 Rev. 11 - 2
MMBT4124 DIODES-MMBT4124 Datasheet
42Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30105 Rev. 5 - 2
BC847BLP DIODES-BC847BLP Datasheet
99Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30525 Rev. 7 - 2
MMBT5551 DIODES-MMBT5551_1 Datasheet
419Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30061 Rev. 9 - 2
MMST3904 DIODES-MMST3904_1 Datasheet
441Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30082 Rev. 10 - 2
MMSTA42 DIODES-MMSTA42_1 Datasheet
204Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30175 Rev. 9 - 2
MMBT2222AT DIODES-MMBT2222AT_1 Datasheet
172Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30268 Rev. 8 - 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com