Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMST4124 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMST4124
Description  NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMST4124 Datasheet(HTML) 2 Page - Diodes Incorporated

  MMST4124 Datasheet HTML 1Page - Diodes Incorporated MMST4124 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS30163 Rev. B-1
2 of 2
MMST4124
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 2)
Collector-Base Breakdown Voltage
V(BR)CBO
30
¾
V
IC = 10
mA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
25
¾
V
IC = 1.0mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
5.0
6.0
V
IE = 10
mA, IC = 0
Collector Cutoff Current
ICBO
¾
50
nA
VCB = 20V, IE = 0V
Emitter Cutoff Current
IEBO
¾
50
nA
VEB = 3.0V, IC = 0V
ON CHARACTERISTICS (Note 2)
DC Current Gain
hFE
120
60
360
¾
¾
IC = 2.0mA, VCE = 1.0V
IC = 50mA, VCE = 1.0V
Collector-Emitter Saturation Voltage
VCE(SAT)
¾
0.30
V
IC = 50mA, IB = 5.0mA
Base- Emitter Saturation Voltage
VBE(SAT)
¾
0.95
V
IC = 50mA, IB = 5.0mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
¾
4.0
pF
VCB = 5.0V, f = 1.0MHz, IE = 0
Input Capacitance
Cibo
¾
8.0
pF
VEB = 0.5V, f = 1.0MHz, IC = 0
Small Signal Current Gain
hfe
120
480
¾
VCE = 1.0V, IC = 2.0mA,
f = 1.0kHz
Current Gain-Bandwidth Product
fT
300
¾
MHz
VCE = 20V, IC = 10mA,
f = 100MHz
Notes:
1. Valid provided that terminals are kept at ambient temperature.
2. Pulse test: Pulse width
£ 300ms, duty cycle £ 2%.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com