Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4956 Datasheet(PDF) 4 Page - NEC

Part # 2SC4956
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4956 Datasheet(HTML) 4 Page - NEC

  2SC4956 Datasheet HTML 1Page - NEC 2SC4956 Datasheet HTML 2Page - NEC 2SC4956 Datasheet HTML 3Page - NEC 2SC4956 Datasheet HTML 4Page - NEC 2SC4956 Datasheet HTML 5Page - NEC 2SC4956 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
2SC4956
S-PARAMETER
(VCE = 3 V, IC = 1 mA, ZO = 50
Ω)
fS11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.200
0.9570
–8.1
3.2990
169.6
0.0210
88.3
0.9910
–5.8
0.400
0.9200
–15.5
3.1190
158.2
0.0400
81.3
0.9840
–10.8
0.600
0.8920
–24.1
3.1280
149.0
0.0700
69.7
0.9600
–17.0
0.800
0.8330
–31.0
3.0280
138.7
0.0850
68.1
0.9260
–21.7
1.000
0.7910
–38.7
2.9450
129.2
0.1030
62.3
0.8800
–26.8
1.200
0.7370
–46.5
2.9190
119.4
0.1260
55.3
0.8520
–32.6
1.400
0.6590
–54.0
2.7560
111.2
0.1430
51.6
0.8190
–37.1
1.600
0.5980
–60.7
2.6260
102.3
0.1530
48.7
0.7840
–41.2
1.800
0.5420
–66.6
2.4840
93.7
0.1640
42.9
0.7320
–46.8
2.000
0.4630
–73.6
2.3700
86.2
0.1740
41.6
0.6960
–50.4
2.200
0.4080
–82.7
2.3120
78.8
0.1920
36.1
0.6710
–56.3
2.400
0.3560
–89.3
2.2100
71.9
0.1980
32.6
0.6330
–58.7
2.600
0.3220
–96.9
2.0970
66.3
0.1920
32.8
0.6060
–65.9
2.800
0.2550
–110.8
1.9980
58.7
0.2060
29.1
0.5720
–72.0
3.000
0.2190
–118.1
1.9210
53.9
0.2320
22.8
0.5320
–77.4
(VCE = 3 V, IC = 3 mA, ZO = 50
Ω)
fS11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.200
0.8730
–13.5
7.7390
162.0
0.0230
84.8
0.9630
–9.0
0.400
0.7880
–24.1
6.8700
145.7
0.0440
78.6
0.9250
–15.8
0.600
0.7090
–34.8
6.3160
133.1
0.0570
68.6
0.8750
–22.8
0.800
0.6030
–42.7
5.6650
121.1
0.0710
58.9
0.8040
–27.5
1.000
0.5280
–50.4
5.1110
110.7
0.0820
59.1
0.7360
–31.5
1.200
0.4530
–56.7
4.7060
101.4
0.1000
59.3
0.6910
–36.0
1.400
0.3720
–62.0
4.1970
93.8
0.1120
54.4
0.6570
–39.6
1.600
0.3160
–67.3
3.8590
86.0
0.1320
50.9
0.6130
–42.7
1.800
0.2650
–70.2
3.4780
78.9
0.1360
51.4
0.5820
–46.3
2.000
0.2080
–75.0
3.2210
72.7
0.1400
49.0
0.5530
–49.7
2.200
0.1460
–84.0
3.0510
66.9
0.1560
46.2
0.5210
–55.2
2.400
0.1250
–94.7
2.8660
61.0
0.1680
39.9
0.4920
–53.7
2.600
0.1070
–103.5
2.6500
56.5
0.1790
42.4
0.4750
–62.6
2.800
0.0670
–128.8
2.5070
50.5
0.1790
35.7
0.4460
–66.1
3.000
0.0410
–175.4
2.3660
45.5
0.1860
34.4
0.4210
–72.9



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com