Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4956 Datasheet(PDF) 5 Page - NEC

Part # 2SC4956
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4956 Datasheet(HTML) 5 Page - NEC

  2SC4956 Datasheet HTML 1Page - NEC 2SC4956 Datasheet HTML 2Page - NEC 2SC4956 Datasheet HTML 3Page - NEC 2SC4956 Datasheet HTML 4Page - NEC 2SC4956 Datasheet HTML 5Page - NEC 2SC4956 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
2SC4956
S-PARAMETER
(VCE = 3 V, IC = 5 mA, ZO = 50
Ω)
fS11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.200
0.8040
–16.5
10.2510
157.1
0.0200
76.7
0.9490
–10.8
0.400
0.6940
–28.1
8.6340
138.6
0.0420
74.7
0.8910
–18.4
0.600
0.5950
–39.3
7.5490
125.1
0.0580
67.5
0.8100
–24.7
0.800
0.4830
–46.5
6.5000
113.2
0.0670
65.6
0.7490
–28.0
1.000
0.4210
–53.1
5.6980
103.3
0.0830
63.1
0.6800
–32.4
1.200
0.3410
–58.3
5.1160
94.6
0.0930
56.9
0.6330
–35.5
1.400
0.2810
–63.4
4.5060
87.8
0.1030
59.5
0.6050
–37.9
1.600
0.2770
–68.8
4.0840
80.7
0.1150
57.4
0.5710
–41.0
1.800
0.1840
–64.8
3.6580
74.0
0.1260
53.5
0.5390
–43.3
2.000
0.1300
–61.9
3.3690
68.8
0.1400
48.5
0.5090
–47.4
2.200
0.0880
–78.7
3.1690
63.1
0.1490
49.1
0.4840
–53.6
2.400
0.0540
–98.6
2.9460
57.9
0.1690
47.0
0.4710
–53.8
2.600
0.0190
–67.4
2.7220
53.5
0.1760
45.3
0.4450
–60.7
2.800
0.0200
132.7
2.5900
47.8
0.1770
42.8
0.4290
–63.6
3.000
0.0450
106.6
2.4410
42.7
0.2010
40.2
0.4000
–72.4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com