Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4957 Datasheet(PDF) 3 Page - NEC

Part # 2SC4957
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4957 Datasheet(HTML) 3 Page - NEC

  2SC4957 Datasheet HTML 1Page - NEC 2SC4957 Datasheet HTML 2Page - NEC 2SC4957 Datasheet HTML 3Page - NEC 2SC4957 Datasheet HTML 4Page - NEC 2SC4957 Datasheet HTML 5Page - NEC 2SC4957 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
2SC4957
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
VCE – Collector to Emitter Voltage – V
DC CURRENT GAIN vs.
COLLECTOR CURRENT
IC – Collector Current – mA
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
IC – Collector Current – mA
INSERTION POWER GAIN
vs. COLLECTOR CURRENT
IC – Collector Current – mA
f = 2 GHz
f = 2 GHz
1
60
0
1
500 A
400 A
300 A
200 A
IB = 100 A
50
40
30
20
10
2
3
4
5
6
12
0.1
200
100
0
0.2
0.5 1
2
5
10 20
50 100
5 V
VCE = 3 V
14
0.5
12
10
8
6
4
2
1
2
5
10
20
50
5 V
3 V
VCE = 1 V
5 V
3 V
VCE = 1 V
10
8
6
4
2
5
10
20
50
µ
µ
µ
µ
µ
NOISE FIGURE vs.
COLLECTOR CURRENT
IC – Collector Current – mA
FEED-BACK CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
VCB – Collector to Base Voltage – V
0.1
0.5
4
0.5
3
2
1
0
1
2
5
10
20
50
0.2
0.3
0.4
0.5
1
2
5
10
20
f = 2 GHz
VCE = 3 V
f = 1 MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com