Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4957 Datasheet(PDF) 1 Page - NEC

Part # 2SC4957
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4957 Datasheet(HTML) 1 Page - NEC

  2SC4957 Datasheet HTML 1Page - NEC 2SC4957 Datasheet HTML 2Page - NEC 2SC4957 Datasheet HTML 3Page - NEC 2SC4957 Datasheet HTML 4Page - NEC 2SC4957 Datasheet HTML 5Page - NEC 2SC4957 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The information in this document is subject to change without notice.
SILICON TRANSISTOR
2SC4957
HIGH FREQUENCY LOW NOISE AMPLIFIER
NPN SILICON EPITAXIAL TRANSISTOR
4 PINS MINI MOLD
FEATURES
Low Noise, High Gain
Low Voltage Operation
Low Feedback Capacitance
Cre = 0.3 pF TYP.
ORDERING INFORMATION
PART
QUANTITY
PACKING STYLE
NUMBER
2SC4957-T1
3 Kpcs/Reel.
Embossed tape 8 mm wide.
Pin3 (Base), Pin4 (Emitter) face to perforation side
of the tape.
2SC4957-T2
3 Kpcs/Reel.
Embossed tape 8 mm wide.
Pin1 (Collector), Pin2 (Emitter) face to perforation
side of the tape.
*
Please contact with responsible NEC person, if you require evaluation
sample. Unit sample quantity shall be 50 pcs. (Part No.: 2SC4957)
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
Collector to Base Voltage
VCBO
9V
Collector to Emitter Voltage
VCEO
6V
Emitter to Base Voltage
VEBO
2V
Collector Current
IC
30
mA
Total Power Dissipation
PT
180
mW
Junction Temperature
Tj
150
˚C
Storage Temperature
Tstg
–65 to +150
˚C
©
1993
DATA SHEET
PACKAGE DIMENSIONS
in millimeters
PIN CONNECTIONS
1.
2.
3.
4.
Collector
Emitter
Base
Emitter
2.8 –0.3
+0.2
1.5 –0.1
+0.2
Caution; Electrostatic Sensitive Device.
Document No. P10379EJ2V0DS00 (2nd edition)
(Previous No. TD-2408)
Date Published July 1995 P
Printed in Japan


Similar Part No. - 2SC4957

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4957 RENESAS-2SC4957 Datasheet
189Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR
logo
California Eastern Labs
2SC4957 CEL-2SC4957 Datasheet
727Kb / 5P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD
logo
Renesas Technology Corp
2SC4957-T1 RENESAS-2SC4957-T1 Datasheet
189Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR
logo
California Eastern Labs
2SC4957-T1 CEL-2SC4957-T1 Datasheet
727Kb / 5P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD
logo
Renesas Technology Corp
2SC4957 RENESAS-2SC4957_15 Datasheet
189Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN MINIMOLD
More results

Similar Description - 2SC4957

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4092 NEC-2SC4092 Datasheet
82Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4093 NEC-2SC4093 Datasheet
70Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4094 NEC-2SC4094 Datasheet
102Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4095 NEC-2SC4095 Datasheet
107Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4956 NEC-2SC4956 Datasheet
48Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC5011 NEC-2SC5011 Datasheet
52Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5012 NEC-2SC5012 Datasheet
50Kb / 7P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5013 NEC-2SC5013 Datasheet
52Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5014 NEC-2SC5014 Datasheet
49Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5015 NEC-2SC5015 Datasheet
51Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com