Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSZ5232B Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMSZ5232B
Description  500mW SURFACE MOUNT ZENER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMSZ5232B Datasheet(HTML) 1 Page - Diodes Incorporated

  MMSZ5232B Datasheet HTML 1Page - Diodes Incorporated MMSZ5232B Datasheet HTML 2Page - Diodes Incorporated MMSZ5232B Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS18010 Rev. 7 - 2
1 of 3
MMSZ5221B - MMSZ5259B
www.diodes.com
MMSZ5221B - MMSZ5259B
500mW SURFACE MOUNT ZENER DIODE
·
Planar Die Construction
·
500mW Power Dissipation
·
General Purpose, Medium Current
·
Ideally Suited for Automated Assembly
Processes
Mechanical Data
Features
A
B
C
D
E
G
H
J
·
Case: SOD-123, Plastic
·
UL Flammability Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020A
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity: Cathode Band
·
Marking: See Below
·
Weight: 0.01grams (approx.)
·
Ordering Information: See Page 2
Maximum Ratings
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage (Note 2)
@ IF = 10mA
VF
0.9
V
Power Dissipation
(Note 1)
Pd
500
mW
Thermal Resistance, Junction to Ambient Air
(Note 1)
RqJA
350
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Device mounted on ceramic PCB; 7.6 mm x 9.4 mm x 0.87 mm with pad areas 25 mm2.
2. Short duration test pulse used to minimize self-heating effect.
SOD-123
Dim
Min
Max
A
3.55
3.85
B
2.55
2.85
C
1.40
1.70
D
—
1.35
E
0.55 Typical
G
0.25
—
H
0.11 Typical
J
—
0.10
a
0
°
8
°
All Dimensions in mm
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Year
1998
1999
2000
2001
2002
2003
2004
2005
Code
JK
L
M
N
PR
S
Date Code Key
XX = Product Type Marking Code (See Page 2)
YM = Date Code Marking
Y = Year (ex: N = 2002)
M = Month (ex: 9 = September)
XX
Marking Information


Similar Part No. - MMSZ5232B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5232B PANJIT-MMSZ5232B Datasheet
82Kb / 5P
SURFACE MOUNT SILICON ZENER DIODES
logo
Fairchild Semiconductor
MMSZ5232B FAIRCHILD-MMSZ5232B Datasheet
158Kb / 5P
5% TOLERANCE
logo
Micro Commercial Compon...
MMSZ5232B MCC-MMSZ5232B Datasheet
411Kb / 4P
500 mW Zener Diodes 2.4 to 39 Volts
logo
Diotec Semiconductor
MMSZ5232B DIOTEC-MMSZ5232B Datasheet
54Kb / 2P
Surface mount Zener Diodes
logo
Weitron Technology
MMSZ5232B WEITRON-MMSZ5232B Datasheet
244Kb / 5P
Surface Mount Zener Diodes
More results

Similar Description - MMSZ5232B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B_1 Datasheet
99Kb / 4P
500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 18 - 2
logo
Won-Top Electronics
MMSZ5221B WTE-MMSZ5221B Datasheet
75Kb / 4P
500mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B_09 Datasheet
92Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 23 - 2
MMSZ5263B DIODES-MMSZ5263B Datasheet
86Kb / 3P
500mW SURFACE MOUNT ZENER DIODE
DS31652 Rev. 4 - 2
ZMM5245B-7 DIODES-ZMM5245B-7 Datasheet
82Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
Rev 13.2.2003
MMSZ5221B DIODES-MMSZ5221B_15 Datasheet
106Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
Rev 27
logo
Won-Top Electronics
BZT52C11 WTE-BZT52C11 Datasheet
49Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
BZT52C12 WTE-BZT52C12 Datasheet
49Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
MMSZ4682 WTE-MMSZ4682 Datasheet
49Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
MMSZ4706 WTE-MMSZ4706 Datasheet
49Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com