Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4959 Datasheet(PDF) 4 Page - NEC

Part # 2SC4959
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4959 Datasheet(HTML) 4 Page - NEC

  2SC4959 Datasheet HTML 1Page - NEC 2SC4959 Datasheet HTML 2Page - NEC 2SC4959 Datasheet HTML 3Page - NEC 2SC4959 Datasheet HTML 4Page - NEC 2SC4959 Datasheet HTML 5Page - NEC 2SC4959 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SC4959
4
S–PARAMETER
(VCE = 3 V, IC = 1 mA, ZO = 50
Ω)
fS11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.200
0.9340
–15.7
3.5100
164.8
0.0450
82.6
0.9850
–8.7
0.400
0.9040
–29.4
3.3520
150.7
0.0780
68.0
0.9410
–17.1
0.600
0.8150
–43.4
3.1060
138.0
0.1140
62.8
0.8960
–23.6
0.800
0.7530
–56.6
2.8840
126.3
0.1370
58.0
0.8260
–29.9
1.000
0.6540
–68.9
2.6050
115.1
0.1490
55.2
0.7830
–34.7
1.200
0.5900
–79.8
2.4490
105.4
0.1660
45.4
0.7220
–38.0
1.400
0.5160
–90.1
2.2610
96.8
0.1770
44.8
0.6790
–42.0
1.600
0.4590
–101.5
2.0780
89.4
0.1780
45.1
0.6430
–45.2
1.800
0.4230
–110.8
1.9250
83.7
0.1880
42.5
0.6290
–46.8
2.000
0.3670
–123.9
1.8700
76.3
0.1900
41.9
0.5880
–51.4
2.200
0.3370
–136.7
1.7790
69.9
0.2110
43.9
0.5630
–54.3
2.400
0.3150
–145.5
1.6600
64.1
0.2140
41.9
0.5520
–57.0
2.600
0.3080
–159.1
1.5690
59.4
0.2070
42.8
0.5450
–59.2
2.800
0.2930
–164.8
1.5190
55.3
0.2140
45.8
0.5220
–64.5
3.000
0.2950
–179.6
1.4610
50.7
0.2260
45.4
0.4960
–61.3
(VCE = 3 V, IC = 3 mA, ZO = 50
Ω)
fS11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.200
0.8020
–25.9
8.8990
154.2
0.0370
67.2
0.9420
–15.7
0.400
0.6780
–45.8
7.4880
134.4
0.0760
65.6
0.8040
–26.6
0.600
0.5440
–62.8
6.1260
119.6
0.0860
60.9
0.7060
–33.2
0.800
0.4430
–75.7
5.1230
108.1
0.1050
58.4
0.6250
–36.6
1.000
0.3540
–87.3
4.3050
99.1
0.1210
55.9
0.5660
–38.3
1.200
0.2930
–99.7
3.7880
91.3
0.1330
61.2
0.5190
–41.4
1.400
0.2360
–108.4
3.3560
84.8
0.1440
55.4
0.4950
–43.9
1.600
0.2000
–121.0
3.0100
79.1
0.1570
56.2
0.4660
–44.5
1.800
0.1820
–129.5
2.6960
74.4
0.1760
58.0
0.4560
–44.5
2.000
0.1480
–151.7
2.5340
69.4
0.1940
56.1
0.4310
–48.8
2.200
0.1370
–166.1
2.3820
64.0
0.2150
56.3
0.4050
–51.9
2.400
0.1340
175.2
2.1870
60.0
0.2130
57.8
0.3990
–52.8
2.600
0.1640
169.7
2.0530
55.8
0.2410
57.6
0.3950
–52.9
2.800
0.1500
170.9
1.9660
53.0
0.2490
55.2
0.3750
–59.2
3.000
0.1780
147.7
1.8710
49.6
0.2750
56.6
0.3740
–60.8



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com