Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4959 Datasheet(PDF) 1 Page - NEC

Part # 2SC4959
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4959 Datasheet(HTML) 1 Page - NEC

  2SC4959 Datasheet HTML 1Page - NEC 2SC4959 Datasheet HTML 2Page - NEC 2SC4959 Datasheet HTML 3Page - NEC 2SC4959 Datasheet HTML 4Page - NEC 2SC4959 Datasheet HTML 5Page - NEC 2SC4959 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PART
NUMBER
Embossed tape 8 mm wide.
2SC4959–T1
3 Kpcs/Reel.
Pin3 (Collector) face to perfora-
tion side of the tape.
Embossed tape 8 mm wide.
2SC4959–T2
3 Kpcs/Reel.
Pin1 (Emitter), Pin2 (Base) face
to perforation side of the tape.
©
1992
DATA SHEET
The mark 5 shows revised points.
SILICON TRANSISTOR
2SC4959
Caution; Electrostatic sensitive Device.
HIGH FREQUENCY LOW NOISE AMPLIFIER
NPN SILICON EPITAXIAL TRANSISTOR
SUPER MINI MOLD
FEATURES
• Low Noise, High Gain
• Low Voltage Operation
• Low Feedback Capacitance
Cre = 0.4 pF TYP.
ORDERING INFORMATION
QUANTITY
PACKING STYLE
Document No. P10382EJ2V0DS00 (2nd edition)
(Previous No. TD-2410)
Date Published July 1995 P
Printed in Japan
1995
1.25
± 0.1
2.1
± 0.1
2
1
3
Marking
PACKAGE DIMENSIONS
in millimeters
PIN CONNECTIONS
1.
2.
3.
Emitter
Base
Collector
Collector to Base Voltage
VCBO
9V
Collector to Emitter Voltage
VCEO
6V
Emitter to Base Voltage
VEBO
2V
Collector Current
IC
30
mA
Total Power Dissipation
PT
150
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
–65 to +150
°C
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
* Please contact with responsible NEC person, if you require evaluation
sample.
Unit sample quantity shall be 50 pcs. (Part No.: 2SC4959)


Similar Part No. - 2SC4959

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4959 RENESAS-2SC4959 Datasheet
208Kb / 14P
Silicon Transistor
1997
More results

Similar Description - 2SC4959

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2351 NEC-2SC2351 Datasheet
30Kb / 4P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC4226 NEC-2SC4226 Datasheet
56Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4227 NEC-2SC4227 Datasheet
50Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4228 NEC-2SC4228 Datasheet
49Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4954 NEC-2SC4954 Datasheet
48Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC4955 NEC-2SC4955 Datasheet
44Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC4958 NEC-2SC4958 Datasheet
46Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC5011 NEC-2SC5011 Datasheet
52Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5013 NEC-2SC5013 Datasheet
52Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5015 NEC-2SC5015 Datasheet
51Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com