Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EGF3NCACNET3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EGF3NCACNET3
Description  CurrentWatch Current Sensors EGF Series Ground Fault Sensors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EGF3NCACNET3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EGF3NCACNET3 Datasheet HTML 1Page - List of Unclassifed Manufacturers EGF3NCACNET3 Datasheet HTML 2Page - List of Unclassifed Manufacturers EGF3NCACNET3 Datasheet HTML 3Page - List of Unclassifed Manufacturers EGF3NCACNET3 Datasheet HTML 4Page - List of Unclassifed Manufacturers EGF3NCACNET3 Datasheet HTML 5Page - List of Unclassifed Manufacturers EGF3NCACNET3 Datasheet HTML 6Page - List of Unclassifed Manufacturers EGF3NCACNET3 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
August 2007
CA05311002E
For more information visit: www.eaton.com
1
CurrentWatch™ Current Sensors
EGF Series Ground Fault Sensors
CA05311002E
EGF Series Ground Fault Sensors
CurrentWatch Current Sensors
Contents
Overview . . . . . . . . . . . . . . . . . . . . 1
Model Selection, Switches . . . . . . 2
Model Selection, Accessories . . . 3
Wiring Diagrams . . . . . . . . . . . . . . 5
Specifications . . . . . . . . . . . . . . . . 6
Dimensions . . . . . . . . . . . . . . . . . . 7
The CurrentWatch EGF Series from
Eaton’s electrical business is a family
of ground fault (earth leakage) sensors.
Ground fault sensors help protect
people, products and processes from
damage by ground fault conditions
by monitoring all current-carrying
conductors in grounded single- and
three-phase delta or wye systems.
The EGF Series is available with
either solid-state or mechanical relay
outputs.
The EGF Series with solid-state out-
puts offers the benefit of reliable,
long-lasting solid-state switches.
Solid-state design provides unlim-
ited switch operating life, superior
resistance to shock and vibration,
zero off-state leakage, high switch
speeds and high input-output isola-
tion. Solid-state outputs have solid-
core housings with screw terminals.
The EGF Series with mechanical
relay outputs are available in solid-
core housings with a choice of N.O. or
N.C. SPST latching relays and a SPDT
Form C relay with auto-reset. All
mechanical models can be ordered
with a fixed setpoint or with a “tri-
set” option, which provides three
factory-set, field-adjustable setpoints.
Approvals
UL Recognized
Unless otherwise noted, the
products contained in this
document are not designed
or intended for use in human
safety applications.
Ground Fault Sensors with Solid-State or Mechanical Relay
Outputs
Product Features
Broad Range of Options to Meet Application Needs — N.O. or N.C., solid-
state or mechanical relays, normally energized or normally de-energized
contacts
Setpoint Options Maximize Ease-of-Use and Application Flexibility — Field
selectable 5, 10 or 30 mA setpoints on the EGF “Tri-set” models make user
adjustments fast, sure and convenient
Compatible with Standard Equipment — Application on single- and three-
phases systems, ideal for use with shunt trip breakers, and magnetically
isolated from monitored circuit and control power
Agency Approved — UL and CE Certified, accepted worldwide
Typical Applications
Personnel Protection (Typically 5 mA) — Detects sensitive ground fault con-
ditions, which could cause injury to people, and functions as a sensor and
alarm trigger when applied as an input to an overall ground fault protection
system
Equipment Protection (Typically 10 or 30 mA) — For applications where
personnel protection is not the primary concern, higher setpoint capability
helps eliminate nuisance tripping while still providing adequate ground
fault detection to protect machine electronics
Regulatory — Meets requirements as stipulated by governmental and
industrial regulatory groups for ground fault sensing
”Zero Sum” Operating Principle
In three-phase delta and wye systems, under normal conditions, current in the
“hot” leg of a two-wire load is equal in magnitude but opposite in sign to the
current in a neutral leg. As a result, the electromagnetic fields surrounding these
two conductors cancel, producing a “zero sum current.” As soon as current leaks
to ground (fault condition), the two currents become imbalanced and a net
magnetic field results. The CurrentWatch EGF Series sensors monitor this field
and trips the contacts when the leakage rises above the setpoint.
For Customer Service in the U.S. call 1-877-ETN CARE (386-2273),
in Canada call 1-800-268-3578.
For Application Assistance in the U.S. and Canada
call 1-800-426-9184.
Built-In Mounting Tabs
Choice of Solid-State
or Mechanical Relays
Bright LED Status Indicators


Similar Part No. - EGF3NCACNET3

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGF30A ZOWIE-EGF30A Datasheet
64Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
New Jersey Semi-Conduct...
EGF30A NJSEMI-EGF30A Datasheet
99Kb / 2P
3 Amp. Glass Passivated Avalanche Ultrafast Recovery Eectifiet
logo
Zowie Technology Corpor...
EGF30AH ZOWIE-EGF30AH Datasheet
63Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
EGF30B ZOWIE-EGF30B Datasheet
64Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
EGF30BH ZOWIE-EGF30BH Datasheet
63Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
More results

Similar Description - EGF3NCACNET3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSLA1CD ETC1-CSLA1CD Datasheet
686Kb / 6P
CURRENT SENSORS
logo
SEC Electronics Inc.
SICDS50V6 SECELECTRONICS-SICDS50V6 Datasheet
219Kb / 4P
Current Sensors
SICDS100V6 SECELECTRONICS-SICDS100V6 Datasheet
220Kb / 4P
Current Sensors
SICF3SV2 SECELECTRONICS-SICF3SV2 Datasheet
281Kb / 4P
Current Sensors
SIOLSV2 SECELECTRONICS-SIOLSV2 Datasheet
215Kb / 4P
Current Sensors
SIOPSV1 SECELECTRONICS-SIOPSV1 Datasheet
254Kb / 4P
Current Sensors
SIOT1SV2M SECELECTRONICS-SIOT1SV2M Datasheet
174Kb / 6P
Current Sensors
SIOY2SV2 SECELECTRONICS-SIOY2SV2 Datasheet
184Kb / 4P
Current Sensors
SIOPSV1 SECELECTRONICS-SIOPSV1_13 Datasheet
268Kb / 5P
Current Sensors
SIOY2SV2 SECELECTRONICS-SIOY2SV2_13 Datasheet
191Kb / 4P
Current Sensors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com