Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EGF3NCACNET3 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # EGF3NCACNET3
Description  CurrentWatch Current Sensors EGF Series Ground Fault Sensors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EGF3NCACNET3 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  EGF3NCACNET3 Datasheet HTML 1Page - List of Unclassifed Manufacturers EGF3NCACNET3 Datasheet HTML 2Page - List of Unclassifed Manufacturers EGF3NCACNET3 Datasheet HTML 3Page - List of Unclassifed Manufacturers EGF3NCACNET3 Datasheet HTML 4Page - List of Unclassifed Manufacturers EGF3NCACNET3 Datasheet HTML 5Page - List of Unclassifed Manufacturers EGF3NCACNET3 Datasheet HTML 6Page - List of Unclassifed Manufacturers EGF3NCACNET3 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
August 2007
CA05311002E
For more information visit: www.eaton.com
3
CurrentWatch™ Current Sensors
EGF Series Ground Fault Sensors
Model Selection — CurrentWatch EGF Series (Continued)
Stocked product, typical order quantities guaranteed in stock.
Accessories — CurrentWatch EGF Series
Stocked product, typical order quantities guaranteed in stock.
Power Supply
Setpoint
Mechanical Relay Output
Contacts
Catalog Number
Mechanical Relay Output Sensors
Solid-Core Housing
s
120V AC
Fixed, 50 mA
Mechanical Relay, N.O. SPST Relay, Form A
(1A @ 120V AC)
Latching Relay
EGF1NOLA050
Mechanical Relay, N.C. SPST Relay, Form B
(1A @ 120V AC)
Latching Relay
EGF1NCLA050
Mechanical Relay, SPDT Form C, Auto-Reset
(1A @ 120V AC)
Normally Energized
EGF1SPDTNE050
Normally De-energized
EGF1SPDTDE050
Fixed, 100 mA
Mechanical Relay, N.O. SPST Relay, Form A
(1A @ 120V AC)
Latching Relay
EGF1NOLA100
Mechanical Relay, N.C. SPST Relay, Form B
(1A @ 120V AC)
Latching Relay
EGF1NCLA100
Mechanical Relay, SPDT Form C, Auto-Reset
(1A @ 120V AC)
Normally Energized
EGF1SPDTNE100
Normally De-energized
EGF1SPDTDE100
Tri-set Adjustable,
5, 10 or 30 mA
Mechanical Relay, N.O. SPST Relay, Form A
(1A @ 120V AC)
Latching Relay
EGF1NOLAT3
Mechanical Relay, N.C. SPST Relay, Form B
(1A @ 120V AC)
Latching Relay
EGF1NCLAT3
Mechanical Relay, SPDT Form C, Auto-Reset
(1A @ 120V AC)
Normally Energized
EGF1SPDTNET3
Normally De-energized
EGF1SPDTDET3
24V AC/DC
Fixed, 50 mA
Mechanical Relay, N.O. SPST Relay, Form A
(2A @ 30V DC)
Latching Relay
EGF2NOLA050
Mechanical Relay, N.C. SPST Relay, Form B
(2A @ 30V DC)
Latching Relay
EGF2NCLA050
Mechanical Relay, SPDT Form C, Auto-Reset
(2A @ 30V DC)
Normally Energized
EGF2SPDTNE050
Normally De-energized
EGF2SPDTDE050
Fixed, 100 mA
Mechanical Relay, N.O. SPST Relay, Form A
(2A @ 30V DC)
Latching Relay
EGF2NOLA100
Mechanical Relay, N.C. SPST Relay, Form B
(2A @ 30V DC)
Latching Relay
EGF2NCLA100
Mechanical Relay, SPDT Form C, Auto-Reset
(2A @ 30V DC)
Normally Energized
EGF2SPDTNE100
Normally De-energized
EGF2SPDTDE100
Tri-set Adjustable,
5, 10 or 30 mA
Mechanical Relay, N.O. SPST Relay, Form A
(2A @ 30V DC)
Latching Relay
EGF2NOLAT3
Mechanical Relay, N.C. SPST Relay, Form B
(2A @ 30V DC)
Latching Relay
EGF2NCLAT3
Mechanical Relay, SPDT Form C, Auto-Reset
(2A @ 30V DC)
Normally Energized
EGF2SPDTNET3
Normally De-energized
EGF2SPDTDET3
Description
Catalog Number
DIN Rail Mounting Kit (Sensor pictured
for reference and not included in kit)
EDINKIT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com