Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3000F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # R3000F
Description  HIGH VOLTAGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

R3000F Datasheet(HTML) 1 Page - Diodes Incorporated

  R3000F Datasheet HTML 1Page - Diodes Incorporated R3000F Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
S21102 Rev. G-2
1 of 2
R1500F-R3000F
Features
R1500F - R3000F
HIGH VOLTAGE RECTIFIER
A
A
B
C
D
DO-41 Plastic
Dim
Min
Max
A
25.40
—
B
4.06
5.21
C
0.71
0.884
D
2.00
2.72
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
High Voltage to 3000V with Low Leakage
·
1.5kV to 3kV VRRM
·
Surge Rating of 30A
·
Plastic Package - UL Recognition Flammability
Classification 94V-0
Mechanical Data
·
Case: Molded Plastic
·
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: Cathode Band
·
Approx. Weight: 0.35 grams
·
Mounting Position: Any
·
Marking: Type Number
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
R1500F
R2000F
R3000F
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
1500
2000
3000
V
RMS Reverse Voltage
VR(RMS)
1050
1400
2100
V
Average Rectified Output Current
(Note 1)
@ TL = 55°C
IO
500
200
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
30
A
Forward Voltage
@ IF = 500mA
@ IF = 200mA
VFM
2.0
—
3.0
—
—
6.0
V
Peak Reverse Current at Rated DC Blocking Voltage
IRM
5.0
µA
Typical Junction Capacitance (Note 2)
Cj
9.0
6.0
pF
Typical Reverse Recovery Time (Note 3)
trr
500
ns
Operating and Storage Temperature Range
Tj, TSTG
-65 to +125
°C
Notes:
1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
3. Measured with IF = 0.5A, IR = -1A, Irr = -0.25A


Similar Part No. - R3000F

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R3000F RECTRON-R3000F Datasheet
20Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere)
logo
Dc Components
R3000F DCCOM-R3000F Datasheet
410Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Leshan Radio Company
R3000F LRC-R3000F Datasheet
29Kb / 1P
HIGH VOLTAGE FAST RECOVERY DIODES
logo
List of Unclassifed Man...
R3000F ETC-R3000F Datasheet
89Kb / 2P
HIGH VOLTAGE RECTIFIER
logo
Galaxy Semi-Conductor H...
R3000F BILIN-R3000F Datasheet
40Kb / 2P
HIGH VOLTAGE RECTIFIER
More results

Similar Description - R3000F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
R1500 DIODES-R1500 Datasheet
59Kb / 2P
HIGH VOLTAGE RECTIFIER
DS21101 Rev. E-3
logo
List of Unclassifed Man...
R1200F ETC-R1200F Datasheet
89Kb / 2P
HIGH VOLTAGE RECTIFIER
logo
Solid States Devices, I...
SAM50F SSDI-SAM50F_1 Datasheet
175Kb / 2P
HIGH VOLTAGE RECTIFIER
SUM20F SSDI-SUM20F_1 Datasheet
82Kb / 2P
HIGH VOLTAGE RECTIFIER
RV0003F SSDI-RV0003F_15 Datasheet
165Kb / 2P
HIGH VOLTAGE RECTIFIER
RV0027D SSDI-RV0027D_15 Datasheet
84Kb / 2P
HIGH VOLTAGE RECTIFIER
RV0033C SSDI-RV0033C_15 Datasheet
79Kb / 2P
HIGH VOLTAGE RECTIFIER
logo
American Microsemicondu...
2CLG30KV AMMSEMI-2CLG30KV Datasheet
391Kb / 1P
High Voltage Rectifier
logo
STMicroelectronics
STTH16BC065C STMICROELECTRONICS-STTH16BC065C Datasheet
48Kb / 3P
high voltage rectifier
05-Nov-2010
logo
Dongguan Pingjingsemi T...
GP02-10-PJ PJSEMI-GP02-10-PJ Datasheet
789Kb / 3P
HIGH VOLTAGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com