Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2202ACMCL Datasheet(PDF) 3 Page - Littelfuse

Part # P2202ACMCL
Description  MC Series - Modified TO-220
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P2202ACMCL Datasheet(HTML) 3 Page - Littelfuse

  P2202ACMCL Datasheet HTML 1Page - Littelfuse P2202ACMCL Datasheet HTML 2Page - Littelfuse P2202ACMCL Datasheet HTML 3Page - Littelfuse P2202ACMCL Datasheet HTML 4Page - Littelfuse P2202ACMCL Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SIDACtor® ProtectionThyristors
82
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Broadband Optimized™ Protection
Package
Symbol
Parameter
Value
Unit
Modified
TO-220
PIN 1
PIN 2
PIN 3
T
J
Operating Junction Temperature Range
°C
T
S
Storage Temperature Range
°C
R
0JA
Thermal Resistance: Junction to Ambient
50
°C/W
Thermal Considerations
IH
IT
IS
IDRM
VDRM
VT
+V
-V
+I
-I
VS
50
100
0
tr
td
0
Peak
Value
Half Value
t – Time (μs)
tr = rise time to peak value
td = decay time to half value
Waveform = tr x td
V-I Characteristics
t
r x td Pulse Waveform
25°C
CaseTemperature (T
C) - ºC
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100 120 140 160
Normalized V
S Change vs. Junction Temperature
Normalized DC Holding Current vs. Case Temperature
-8
-40 -20
0
20 40 60 80 100 120 140 160
-6
-4
0
2
4
6
8
10
12
14
JunctionTemperature (TJ) – °C
25 °C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com