Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2202ACMCL Datasheet(PDF) 1 Page - Littelfuse

Part # P2202ACMCL
Description  MC Series - Modified TO-220
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P2202ACMCL Datasheet(HTML) 1 Page - Littelfuse

  P2202ACMCL Datasheet HTML 1Page - Littelfuse P2202ACMCL Datasheet HTML 2Page - Littelfuse P2202ACMCL Datasheet HTML 3Page - Littelfuse P2202ACMCL Datasheet HTML 4Page - Littelfuse P2202ACMCL Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SIDACtor® ProtectionThyristors
80
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Broadband Optimized™ Protection
MC Series - Modified TO-220
Electrical Characteristics
MC Series Modified TO-220 are low capacitance
SIDACtor® devices designed to protect various types
of broadband equipment from damaging overvoltage
transients.
The series provides a robust single port solution that
enables equipment to comply with various global
regulatory standards while limiting the impact to
broadband signals.
1
2
3
(T)
(R)
(G)
Description
Applicable Global Standards
Features and Benefits
Low voltage overshoot
Low on-state voltage
Does not degrade with
use
Fails short circuit when
surged in excess of
ratings
Robust Modified TO-220
Package
40% lower capacitance
than our Baseband
Protectors, for
applications that
demand greater signal
integrity
Custom lead forms
available
Agency Approvals
Agency
Agency File Number
E133083
Schematic Symbol
Pinout Designation
PIN 1
PIN 2
PIN 3
TIA-968-A
TIA-968-B
ITU K.20/21 Enhanced
Level
ITU K.20/21 Basic Level
GR 1089 Inter-building*
GR 1089 Intra-building*
IEC 61000-4-5
YD/T 1082
YD/T 993
YD/T 950
*A-rated parts require series resistance
Part Number
Marking
V
DRM
@l
DRM=5μA
V
S
@100V/μs
V
DRM
@l
DRM=5μA
V
S
@100V/μs
I
H
I
S
I
T
V
T @ IT=2.2
Amps
Capacitance
V min
V max
V min
V max
mA min
mA
max
A
max
V min
Pins 1-2, 3-2
Pins 1-3
Pins 1-2, 3-2
P0302AAMCLxx P0302AAMC
6
25
12
50
50
800
2.2
4
See
Capacitance
Values Table
P0602AAMCLxx P0602AAMC
25
40
50
80
50
800
2.2
4
P0602ACMCLxx P0602ACMC
25
40
50
80
50
800
2.2
4
P1402ACMCLxx
P1402ACMC
58
77
116
154
150
800
2.2
4
P1602ACMCLxx
P1602ACMC
65
95
130
190
150
800
2.2
4
P2202ACMCLxx
P2202ACMC
90
130
180
260
150
800
2.2
4
P2702ACMCLxx
P2702ACMC
120
160
240
320
150
800
2.2
4
P3002ACMCLxx P3002ACMC
140
180
280
360
150
800
2.2
4
P3602ACMCLxx
P3602ACMC
170
220
340
440
150
800
2.2
4
P4202ACMCLxx
P4202ACMC
190
250
380
500
150
800
2.2
4
Table continues on next page.


Similar Part No. - P2202ACMCL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P2202ACMCL LITTELFUSE-P2202ACMCL Datasheet
157Kb / 3P
Two-chip MicroCapacitance
P2202ACMCLXX LITTELFUSE-P2202ACMCLXX Datasheet
152Kb / 5P
The series provides a robust single port solution that enables equipment
More results

Similar Description - P2202ACMCL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0641A LITTELFUSE-P0641A_2 Datasheet
117Kb / 2P
Twin SLIC Protector Modified TO-220
logo
IRC - a TT electronics ...
TFP-MHP20LF-10R0-J IRCTT-TFP-MHP20LF-10R0-J Datasheet
389Kb / 3P
MHP TO-220 Series Power Resistor
logo
Littelfuse
P0602AALXX LITTELFUSE-P0602AALXX Datasheet
145Kb / 5P
The SIDACtor짰 Series Modified TO-220 are designed to protect baseband
P1553ACLXX LITTELFUSE-P1553ACLXX Datasheet
159Kb / 4P
The SIDACtor짰 Primary Protection Balanced Series Modified TO-220 are thyristor devices designed
P0602ACLXX LITTELFUSE-P0602ACLXX Datasheet
161Kb / 4P
The SIDACtor짰 Primary Protection Series Modified TO-220 are thyristor devices
P1553ACMCLXX LITTELFUSE-P1553ACMCLXX Datasheet
1Mb / 4P
Balanced MC Series Modified TO-220 are low capacitance SIDACtor짰 devices
logo
New Jersey Semi-Conduct...
2N5191 NJSEMI-2N5191 Datasheet
92Kb / 1P
TO-220
logo
Littelfuse
P3403AAL LITTELFUSE-P3403AAL Datasheet
144Kb / 5P
SIDACtor Balanced Series - Modified TO-220
logo
Kersemi Electronic Co.,...
AC16DSMA KERSEMI-AC16DSMA Datasheet
1Mb / 5P
Isolated plastic package (modified TO-220AB)
logo
TT Electronics.
MHP50 TTELEC-MHP50 Datasheet
760Kb / 6P
TO-220 housing
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com