Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5007 Datasheet(PDF) 5 Page - NEC

Part # 2SC5007
Description  NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5007 Datasheet(HTML) 5 Page - NEC

  2SC5007 Datasheet HTML 1Page - NEC 2SC5007 Datasheet HTML 2Page - NEC 2SC5007 Datasheet HTML 3Page - NEC 2SC5007 Datasheet HTML 4Page - NEC 2SC5007 Datasheet HTML 5Page - NEC 2SC5007 Datasheet HTML 6Page - NEC 2SC5007 Datasheet HTML 7Page - NEC 2SC5007 Datasheet HTML 8Page - NEC 2SC5007 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2SC5007
5
S-PARAMETER
VCE = 3 V, IC = 10 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.800
–29.5
16.411
147.9
.023
69.0
.860
–22.4
200.00
.650
–60.0
14.666
126.3
.037
56.1
.684
–34.9
300.00
.533
–86.2
12.707
109.0
.047
50.1
.551
–40.9
400.00
.449
–106.2
10.607
96.1
.055
46.0
.465
–42.6
500.00
.401
–122.0
9.070
85.5
.063
43.6
.410
–44.1
600.00
.372
–134.1
7.714
76.9
.071
41.4
.366
–44.0
700.00
.353
–144.4
6.770
69.3
.079
38.9
.340
–43.9
800.00
.342
–153.2
5.990
62.1
.087
36.3
.314
–44.2
900.00
.337
–160.8
5.409
55.4
.094
33.5
.298
–44.0
1000.00
.334
–167.5
4.888
49.0
.104
30.9
.279
–45.1
1100.00
.334
–173.4
4.489
43.2
.111
27.5
.266
–44.4
1200.00
.337
–179.3
4.145
37.1
.120
24.9
.255
–46.1
1300.00
.339
176.0
3.844
31.3
.128
21.2
.241
–46.2
1400.00
.344
171.5
3.606
25.7
.138
17.9
.236
–48.0
1500.00
.348
167.4
3.375
20.0
.146
14.6
.222
–48.9
1600.00
.356
163.6
3.202
14.7
.155
10.9
.215
–50.0
1700.00
.362
159.9
3.021
9.1
.164
7.1
.204
–52.8
1800.00
.373
156.9
2.868
4.0
.172
3.2
.193
–53.9
1900.00
.385
152.7
2.743
–1.6
.180
–.9
.181
–56.9
2000.00
.394
148.8
2.599
–7.2
.187
–4.2
.168
–57.5
2100.00
.401
145.6
2.500
–12.6
.194
–8.0
.161
–59.8
2200.00
.408
143.0
2.390
–17.8
.202
–11.9
.149
–62.3
2300.00
.419
139.9
2.308
–23.0
.211
–15.4
.141
–64.4
2400.00
.425
137.3
2.211
–28.2
.218
–19.7
.128
–68.6
2500.00
.436
135.1
2.138
–33.1
.227
–23.1
.119
–70.5
2600.00
.444
132.2
2.065
–38.5
.235
–27.3
.109
–76.7
2700.00
.453
130.2
1.997
–43.3
.242
–30.8
.096
–80.7
2800.00
.464
127.7
1.937
–48.5
.251
–35.0
.090
–87.7
2900.00
.474
125.5
1.870
–53.4
.259
–39.0
.077
–93.9
3000.00
.486
123.5
1.824
–58.4
.266
–43.0
.074
–102.4
VCE = 3 V, IC = 7 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.874
–24.1
12.285
152.5
.025
69.7
.903
–18.4
200.00
.747
–49.0
11.419
132.2
.041
56.9
.760
–30.7
300.00
.642
–71.8
10.461
115.9
.053
48.9
.632
–37.6
400.00
.549
–91.7
9.215
102.4
.061
43.5
.541
–40.6
500.00
.482
–108.8
8.182
90.7
.069
39.9
.479
–43.0
600.00
.437
–121.7
7.076
81.3
.076
36.5
.428
–43.6
700.00
.406
–133.2
6.308
72.9
.083
34.3
.397
–44.2
800.00
.386
–143.2
5.628
65.0
.090
31.5
.365
–44.8
900.00
.374
–151.7
5.094
57.9
.097
29.2
.344
–44.8
1000.00
.367
–159.3
4.645
51.2
.105
26.5
.323
–46.1
1100.00
.363
–166.0
4.264
45.2
.112
23.6
.308
–45.7
1200.00
.361
–172.4
3.947
38.6
.119
21.1
.296
–47.2
1300.00
.362
–178.0
3.657
32.7
.127
18.0
.282
–47.5
1400.00
.364
177.1
3.430
26.9
.134
14.7
.272
–49.1
1500.00
.367
172.5
3.223
20.9
.143
11.6
.257
–50.0
1600.00
.374
168.2
3.064
15.5
.151
8.2
.252
–51.3
1700.00
.379
163.9
2.884
9.8
.159
4.7
.241
–53.6
1800.00
.388
160.5
2.748
4.6
.168
1.1
.230
–55.0
1900.00
.400
156.2
2.624
–1.3
.174
–3.1
.216
–57.7
2000.00
.408
152.0
2.501
–6.8
.180
–6.3
.205
–58.6
2100.00
.415
148.5
2.399
–12.2
.188
–9.8
.196
–60.9
2200.00
.421
145.7
2.283
–17.4
.196
–13.2
.185
–63.4
2300.00
.432
142.3
2.217
–22.9
.204
–16.7
.177
–65.3
2400.00
.437
139.5
2.124
–28.2
.212
–20.6
.164
–69.0
2500.00
.448
137.0
2.055
–33.1
.219
–24.0
.155
–71.3
2600.00
.456
133.9
1.986
–38.6
.227
–28.0
.145
–76.1
2700.00
.465
131.7
1.920
–43.5
.234
–31.5
.133
–79.7
2800.00
.476
129.2
1.862
–48.8
.243
–35.4
.127
–85.3
2900.00
.485
127.0
1.798
–53.7
.251
–39.3
.115
–90.1
3000.00
.497
124.6
1.753
–58.7
.260
–43.1
.111
–95.9



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com