Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5007 Datasheet(PDF) 1 Page - NEC

Part # 2SC5007
Description  NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5007 Datasheet(HTML) 1 Page - NEC

  2SC5007 Datasheet HTML 1Page - NEC 2SC5007 Datasheet HTML 2Page - NEC 2SC5007 Datasheet HTML 3Page - NEC 2SC5007 Datasheet HTML 4Page - NEC 2SC5007 Datasheet HTML 5Page - NEC 2SC5007 Datasheet HTML 6Page - NEC 2SC5007 Datasheet HTML 7Page - NEC 2SC5007 Datasheet HTML 8Page - NEC 2SC5007 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©
1993
DATA SHEET
SILICON TRANSISTOR
Document No. P10386EJ2V0DS00 (2nd edition)
(Previous No. TD-2400)
Date Published July 1995 P
Printed in Japan
2SC5007
NPN SILICON EPITAXIAL TRANSISTOR
3 PINS ULTRA SUPER MINI MOLD
DESCRIPTION
The 2SC5007 is an NPN epitaxial silicon transistor designed for use in low noise and small signal amplifiers from
VHF band to UHF band. Low noise figure, high gain, and high current capability achieve a very wide dynamic range
and excellent linearity. This is achieved by direct nitride passivated base surface, process (NEST2 process) which
is an NEC proprietary fabrication technique.
FEATURES
•
Low Voltage Use.
•
High fT
: 7.0 GHz TYP. (@ VCE = 3 V, IC = 7 mA, f = 1 GHz)
•
Low Cre
: 0.45 pF TYP. (@ VCE = 3 V, IE = 0, f = 1 MHz)
•
Low NF
: 1.4 dB TYP. (@ VCE = 3 V, IC = 7 mA, f = 1 GHz)
•
High |S21e|2: 12 dB TYP. (@ VCE = 3 V, IC = 7 mA, f = 1 GHz)
•
Ultra Super Mini Mold Package.
ORDERING INFORMATION
PART
QUANTITY
PACKING STYLE
NUMBER
2SC5007
50 pcs./Unit
2SC5007-T1
3 kpcs./Reel
* Please contact with responsible NEC person, if you require evaluation
sample. Unit sample quantity shall be 50 pcs.
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
Collector to Base Voltage
VCBO
20
V
Collector to Emitter Voltage
VCEO
10
V
Emitter to Base Voltage
VEBO
1.5
V
Collector Current
IC
65
mA
Total Power Dissipation
PT
125
mW
Junction Temperature
Tj
150
˚ C
Storage Temperature
Tstg
–65 to +150
˚ C
Embossed tape 8 mm wide.
Pin3 (Collector) face to perforation side
of the tape.
1.6 ± 0.1
0.8 ± 0.1
2
1
3
PACKAGE DIMENSIONS
in millimeters
1. Emitter
2. Base
3. Collector


Similar Part No. - 2SC5007

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5007 RENESAS-2SC5007 Datasheet
236Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
California Eastern Labs
2SC5007 CEL-2SC5007 Datasheet
1Mb / 9P
NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC5007-T1 RENESAS-2SC5007-T1 Datasheet
236Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5007-T1-A RENESAS-2SC5007-T1-A Datasheet
236Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5007 RENESAS-2SC5007_15 Datasheet
242Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
More results

Similar Description - 2SC5007

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5004 NEC-2SC5004 Datasheet
54Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5006 NEC-2SC5006 Datasheet
62Kb / 10P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5009 NEC-2SC5009 Datasheet
59Kb / 10P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5010 NEC-2SC5010 Datasheet
61Kb / 10P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5006-T1-A RENESAS-2SC5006-T1-A Datasheet
242Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5010 RENESAS-2SC5010 Datasheet
241Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
California Eastern Labs
NE58219 CEL-NE58219 Datasheet
1Mb / 7P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5006 RENESAS-2SC5006_15 Datasheet
242Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5007 RENESAS-2SC5007_15 Datasheet
242Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5008 RENESAS-2SC5008_15 Datasheet
241Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com