Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCM1104-R36-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # HCM1104-R36-R
Description  High Current Power Inductors HCM1104 Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HCM1104-R36-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  HCM1104-R36-R Datasheet HTML 1Page - Cooper Bussmann, Inc. HCM1104-R36-R Datasheet HTML 2Page - Cooper Bussmann, Inc. HCM1104-R36-R Datasheet HTML 3Page - Cooper Bussmann, Inc. HCM1104-R36-R Datasheet HTML 4Page - Cooper Bussmann, Inc. HCM1104-R36-R Datasheet HTML 5Page - Cooper Bussmann, Inc. HCM1104-R36-R Datasheet HTML 6Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Applications
• Voltage Regulator Module (VRM)
• Multi-phase regulators
• Point-of-load modules
• Desktop and server VRMs and EVRDs
• Base station equipment
• Notebook regulators
• Battery power systems
• Graphics cards
• Data networking and storage systems
Environmental Data
• Storage temperature range: -55°C to +125°C
• Operating temperature range: -55°C to +125°C
(ambient plus self temperature rise)
• Solder reflow temperature: J-STD-020D compliant
Packaging
• Supplied in tape and reel packaging, 850 parts per 13” reel
Description
• Halogen free, lead free, RoHS compliant
• 125°C maximum total operating temperature
• 11.5x 10.3 x 4.0mm maximum surface mount package
• Powder Iron core material
• Magnetically shielded, low EMI
• High current carrying capacity, low core losses
• Inductance range 0.20µH to 10.0µH
• Current range from 7.5 to 45 Amps
• Frequency range up to 5MHz
High Current Power Inductors
HCM1104 Series
0312
BU-SB12258
Page 1 of 6
Data Sheet: 4370
SMD Device
1. Open Circuit Inductance (OCL) Test Parameters: 100kHz, 0.25Vrms, 0.0Adc @ 25°C.
2. Full Load Inductance (FLL) Test Parameters: 100kHz, 0.25Vrms,Isat @ 25°C.
3. Irms: DC current for an approximate temperature rise of 40°C without core loss. Derating is
necessary for AC currents. PCB layout, trace thickness and width, air-flow and proximity of other
heat generating components will affect the temperature rise. It is recommended that the
temperature of the part not exceed 125°C under worst case operating conditions verified in the
end application.
4. Isat: Peak current for approx. 20% rolloff at +25°C - HCM1104-R20-R to HCM1104-R90-R.
5. Isat: Peak current for approx. 30% rolloff at +25°C - HCM1104-1R0-R to HCM 1104-100-R.
6. K-factor: Used to determine Bp-p for core loss (see graph). Bp-p = K * L * ΔI. Bp-p:
(Gauss), K: (K-factor from table), L: (Inductance in
μH), ΔI (Peak-to-peak ripple current in Amps).
7. Part Number Definition: HCM1104-xxx-R
- HCM1104 = Product code and size
- xxx= Inductance value in
μH, R = decimal point
- “-R” suffix = RoHS compliant
Product Specifications
Part
OCL
1
FLL
2 Min
Irms
3
Isat
4, 5
DCR (m
Ω)
DCR (m
Ω)
Number
7
± 20% (
μH)
(
μH)
(Amps)
@25°C (Amps)
@20°C Nominal
@20°C Maximum
K-factor
6
HCM1104-R20-R
0.20
0.13
32
45
0.63
0.72
411
HCM1104-R36-R
0.36
0.23
30
42
1.04
1.20
269
HCM1104-R45-R
0.45
0.29
29
36
1.07
1.23
219
HCM1104-R56-R
0.56
0.36
25
32
1.56
1.80
230
HCM1104-R90-R
0.90
0.58
22
28
2.17
2.50
236
HCM1104-1R0-R
1.0
0.56
18
28
3.00
3.30
378
HCM1104-1R5-R
1.5
0.84
16
32
3.80
4.20
310
HCM1104-2R2-R
2.2
1.23
12
18
6.00
7.00
253
HCM1104-3R3-R
3.3
1.85
10
16
10.8
11.8
220
HCM1104-4R7-R
4.7
2.63
8.5
15
17.0
20.0
175
HCM1104-100-R
10.0
5.60
7.5
8.5
27.0
30.0
116
Pb
HALOGEN
HF
FREE


Similar Part No. - HCM1104-R36-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
HCM1104-R36-R EATON-HCM1104-R36-R Datasheet
340Kb / 7P
High current power inductors
More results

Similar Description - HCM1104-R36-R

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SSL0705M SUPERWORLD-SSL0705M Datasheet
249Kb / 6P
HIGH CURRENT POWER INDUCTORS
SSL1005M SUPERWORLD-SSL1005M Datasheet
278Kb / 7P
HIGH CURRENT POWER INDUCTORS
SSL1308M SUPERWORLD-SSL1308M Datasheet
273Kb / 7P
HIGH CURRENT POWER INDUCTORS
logo
Eaton All Rights Reserv...
HC9 EATON-HC9 Datasheet
441Kb / 4P
High current power inductors
FPV1006 EATON-FPV1006 Datasheet
259Kb / 4P
High current power inductors
HCM0503 EATON-HCM0503 Datasheet
296Kb / 7P
High current power inductors
HCM1305 EATON-HCM1305 Datasheet
658Kb / 9P
High current power inductors
HCV1707 EATON-HCV1707 Datasheet
294Kb / 5P
High current power inductors
HCP0805 EATON-HCP0805 Datasheet
444Kb / 5P
High current power inductors
HCM1707 EATON-HCM1707 Datasheet
1Mb / 7P
High current power inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com