Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD945 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SD945
Description  HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SD945 Datasheet(HTML) 1 Page - Diodes Incorporated

  SD945 Datasheet HTML 1Page - Diodes Incorporated SD945 Datasheet HTML 2Page - Diodes Incorporated SD945 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
D
S23026 Rev. C-2
1 of 3
SD930/SD940/SD945
·
High Current Capability and Low Forward Drop
·
High Surge Capacity
·
Guard Ring for Transient Protection
·
Low Power Loss, High Efficiency
·
Plastic Package - UL Flammability
Classification 94V-0
Mechanical Data
·
Case: DO-201AD, Molded Plastic
·
Leads: Solderable per MIL-STD-202,
Method 208
·
Polarity: Cathode band
·
Approx. Weight: 1.1 grams
·
Mounting Position: Any
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Notes:
1. Pulse width
£ µs - Duty Cycle £ 2%.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V.
3. Device mounted to heat sink with 1/8" lead length.
4. Thermal Resistance from Junction to Lead Vertical PC Board Mounting, 9.5mm Lead Length.
SD930 / SD940 / SD945
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
Features
DO-201AD
Dim
Min
Max
A
25.40
—
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
All Dimensions in mm
A
A
B
C
D
Characteristic
Symbol
SD930
SD940
SD945
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
40
45
V
Maximum Average Forward Current
@ TC = 120°C
(Note 2)
IO
9.0
A
Maximum Peak One-Cycle
@ 5µs Sine Wave
Surge Current
@ 10ms Sine Wave
IFSM
2150
340
A
Forward Voltage (Note 1)
@ IF = 9.0A, TJ =
25°C
@ IF = 9.0A, TJ = 125°C
@ IF = 18A, TJ =
25°C
@ IF = 18A, TJ = 125°C
VFM
0.48
0.42
0.57
0.52
V
Voltage Rate of Change
dv/dt
10,000
V/µs
Peak Reverse Current
@TJ =
25°C
at Rated DC Blocking Voltage (Note 1)
@ TJ = 125°C
IRM
0.8
70
mA
Maximum Junction Capacitance (Note 2)
Cj
900
pF
Typical Thermal Resistance Junction to Case (Note 4)
RqJL
8.0
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C


Similar Part No. - SD945

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SD945 DIODES-SD945 Datasheet
87Kb / 3P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23026 Rev. 4 - 2
SD945 DIODES-SD945 Datasheet
105Kb / 3P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23026 Rev. 5 - 2
SD945-B DIODES-SD945-B Datasheet
87Kb / 3P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23026 Rev. 4 - 2
SD945-T DIODES-SD945-T Datasheet
87Kb / 3P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23026 Rev. 4 - 2
More results

Similar Description - SD945

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SR102 DIODES-SR102 Datasheet
149Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23002 Rev. 5 - 3
SR302 DIODES-SR302 Datasheet
65Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23025 Rev. 5 - 3
SR502 DIODES-SR502 Datasheet
64Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23005 Rev. E-3
SD930 DIODES-SD930_1 Datasheet
87Kb / 3P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23026 Rev. 4 - 2
SD930 DIODES-SD930_08 Datasheet
105Kb / 3P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23026 Rev. 5 - 2
SR306-T DIODES-SR306-T Datasheet
65Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
Rev erse
SR104-T DIODES-SR104-T Datasheet
48Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
Rev erse
logo
New Jersey Semi-Conduct...
SR102 NJSEMI-SR102 Datasheet
218Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
SR302 NJSEMI-SR302 Datasheet
210Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
SR502 NJSEMI-SR502 Datasheet
212Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com