Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD945 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SD945
Description  HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SD945 Datasheet(HTML) 2 Page - Diodes Incorporated

  SD945 Datasheet HTML 1Page - Diodes Incorporated SD945 Datasheet HTML 2Page - Diodes Incorporated SD945 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
D
S23026 Rev. C-2
2 of 3
SD930/SD940/SD945
0
2
4
0
50
100
150
T , CASE TEMPERATURE (°C)
Fig. 1 Fwd Current Derating Curve
C
6
8
10
1
1000
10000
10
100
1000
10000
t , PULSE DURATION (ms)
Fig. 4, Maximum Non-repetitive Surge Current
p
100
1000
4000
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 3 Maximum Junction Capacitance
R
TJ = 25°C
f = 1MHz
0.1
1.0
10
50
0.2
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FWD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T = 125°C
J
T = 25°C
J
Pulse width = 300µs
2% duty cycle



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com