Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF31 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SF31
Description  3.0A SUPER-FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SF31 Datasheet(HTML) 1 Page - Diodes Incorporated

  SF31 Datasheet HTML 1Page - Diodes Incorporated SF31 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
S24003 Rev. C-3
1 of 2
SF31-SF34
Features
·
Low Leakage
·
Low Forward Voltage Drop
·
High Current Capability
·
Super-fast Switching Speed < 35ns
·
Plastic Material - UL Recognition 94V-0
·
Good for 200KHz Power Supply
Mechanical Data
·
Case: DO-201AD, Molded Plastic
·
Terminals: Plated Axial Leads, Solderable per
MIL-STD-202, Method 208
·
Polarity: Color Band Denotes Cathode
·
Approx. Weight: 1.2 grams
Ratings at 25
°C ambient temperature unless otherwise specified.
Single phase, halfwave, 60Hz, resistive or inductive load.
Maximum Ratings and Electrical Characteristics
Characteristic
Symbol
SF31
SF32
SF33
SF34
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
V
Maximum RMS Voltage
VRMS
35
70
105
140
V
Maximum DC Blocking voltage
VDC
50
100
150
200
V
Maximum Average Forward Rectified Current
9.5mm Lead Length
@ TA=55
°C
I(AV)
3.0
A
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
110
A
Maximum Instantaneous Forward Voltage
@ 3.0A DC
VF
0.975
V
Maximum DC Reverse Current at Rated DC Blocking Voltage
IR
10
mA
Maximum DC Reverse Current at Rated DC Blocking Voltage
@ TA = 150
°C
50
mA
Maximum Reverse Recovery Time (Note 1)
Trr
35
ns
Typical Junction Capacitance (Note 2)
CJ
155
pF
Operating and Storage Temperature Range
TJ,TSTG
-65 to + 175
°C
Notes:
1. Reverse Recovery Test Conditions: IF =0.5 A, IR =1.0 A, IRR=0.25A
2. Measured at 1.0MHz and applied reverse voltage of 4.0V.
SF31 - SF34
3.0A SUPER-FAST RECOVERY RECTIFIER
A
A
B
C
D
DO-201AD
Dim
Min
Max
A
25.4
—
B
7.2
9.5
C
1.2
1.3
D
4.8
5.3
All Dimensions in mm


Similar Part No. - SF31

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF31 MOSPEC-SF31 Datasheet
131Kb / 2P
POWER RECTIFIERS(3.0A,50-400V)
logo
Won-Top Electronics
SF31 WTE-SF31 Datasheet
47Kb / 3P
3.0A SUPER-FAST RECTIFIER
logo
Zowie Technology Corpor...
SF31 ZOWIE-SF31 Datasheet
50Kb / 2P
SUPER FAST RECTIFIER
logo
Rectron Semiconductor
SF31 RECTRON-SF31 Datasheet
28Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 3.0 Amperes)
logo
Jinan Gude Electronic D...
SF31 JGD-SF31 Datasheet
160Kb / 2P
2.0 AMPS. SUPER FAST RECTIFIERS
More results

Similar Description - SF31

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF31 WTE-SF31 Datasheet
47Kb / 3P
3.0A SUPER-FAST RECTIFIER
logo
Diodes Incorporated
RS3A DIODES-RS3A Datasheet
46Kb / 2P
3.0A SURFACE MOUNT SUPER-FAST RECOVERY RECTIFIER
DS15005 Rev. E-2
PR3001 DIODES-PR3001_1 Datasheet
368Kb / 3P
3.0A FAST RECOVERY RECTIFIER
DS26014 Rev. 4 - 2
logo
TAITRON Components Inco...
TSF31 TAITRON-TSF31 Datasheet
132Kb / 4P
3.0A Super Fast Recovery Rectifier
MR850 TAITRON-MR850 Datasheet
133Kb / 4P
3.0A Fast Recovery Rectifier
TF301 TAITRON-TF301 Datasheet
131Kb / 4P
3.0A Fast Recovery Rectifier
logo
New Jersey Semi-Conduct...
FR301 NJSEMI-FR301 Datasheet
129Kb / 2P
3.0A FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
FR305-T DIODES-FR305-T Datasheet
50Kb / 2P
3.0A FAST RECOVERY RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
ER301 ZSELEC-ER301 Datasheet
122Kb / 2P
3.0A SUPER FAST RECTIFIER
PR3001 ZSELEC-PR3001 Datasheet
135Kb / 2P
3.0A FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com