Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5013 Datasheet(PDF) 5 Page - NEC

Part # 2SC5013
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5013 Datasheet(HTML) 5 Page - NEC

  2SC5013 Datasheet HTML 1Page - NEC 2SC5013 Datasheet HTML 2Page - NEC 2SC5013 Datasheet HTML 3Page - NEC 2SC5013 Datasheet HTML 4Page - NEC 2SC5013 Datasheet HTML 5Page - NEC 2SC5013 Datasheet HTML 6Page - NEC 2SC5013 Datasheet HTML 7Page - NEC 2SC5013 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SC5013
5
S-PARAMETER
VCE = 6 V, IC = 10 mA
FREQUENCY
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.728
–26.9
21.563
157.7
.013
86.3
.946
–11.0
200.00
.616
–50.1
18.401
139.3
.023
69.9
.851
–18.5
300.00
.522
–68.0
15.357
126.0
.029
57.4
.766
–23.2
400.00
.441
–83.2
12.718
116.3
.037
58.4
.694
–24.8
500.00
.376
–96.2
10.893
108.2
.039
62.0
.637
–26.0
600.00
.341
–107.8
9.466
102.5
.047
63.0
.602
–27.0
700.00
.310
–118.1
8.396
97.2
.049
60.6
.579
–27.3
800.00
.286
–127.0
7.434
92.5
.054
60.1
.556
–28.3
900.00
.266
–138.1
6.707
88.7
.056
58.1
.541
–28.3
1000.00
.261
–146.1
6.128
84.7
.065
59.9
.529
–29.2
1100.00
.252
–154.5
5.578
81.6
.067
63.0
.516
–29.5
1200.00
.249
–160.1
5.111
78.4
.073
60.2
.506
–31.0
1300.00
.243
–168.7
4.769
75.6
.073
57.3
.494
–31.7
1400.00
.241
–173.0
4.467
72.5
.082
56.5
.488
–33.7
1500.00
.253
–179.5
4.183
69.6
.085
59.6
.474
–34.3
1600.00
.251
174.3
3.932
67.1
.094
56.7
.471
–36.3
1700.00
.269
170.9
3.731
64.7
.093
58.2
.464
–36.5
1800.00
.266
164.5
3.536
62.0
.098
59.3
.466
–38.0
1900.00
.269
161.6
3.372
60.0
.100
56.7
.457
–40.0
2000.00
.285
158.2
3.233
57.1
.116
56.2
.451
–42.0
2100.00
.289
154.8
3.071
55.4
.117
57.0
.449
–44.3
2200.00
.300
150.6
2.935
52.3
.120
58.5
.445
–46.0
2300.00
.298
149.3
2.812
50.8
.128
57.4
.440
–47.1
2400.00
.293
144.6
2.720
48.4
.127
57.1
.432
–47.0
2500.00
.315
143.0
2.623
45.8
.137
55.1
.425
–52.2
2600.00
.326
138.8
2.542
43.9
.144
54.7
.419
–50.4
2700.00
.327
137.8
2.435
42.4
.151
50.4
.419
–54.7
2800.00
.320
136.4
2.376
39.4
.158
53.9
.427
–57.6
2900.00
.327
135.1
2.285
37.9
.161
48.7
.425
–60.2
3000.00
.337
129.1
2.218
34.6
.160
50.1
.419
–61.9
VCE = 3 V, IC = 5 mA
FREQUENCY
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.836
–17.9
13.996
164.7
.015
73.5
.971
–8.3
200.00
.768
–34.4
12.918
150.7
.025
72.7
.918
–15.1
300.00
.692
–48.4
11.709
138.9
.038
66.8
.862
–20.5
400.00
.614
–61.2
10.317
129.2
.044
60.2
.793
–23.9
500.00
.535
–72.4
9.260
120.2
.051
55.8
.731
–27.1
600.00
.490
–82.3
8.326
113.8
.056
55.6
.684
–29.1
700.00
.435
–92.9
7.553
107.6
.063
55.6
.658
–30.6
800.00
.398
–100.8
6.791
102.1
.065
58.1
.614
–32.6
900.00
.362
–110.0
6.194
97.7
.070
54.7
.591
–32.8
1000.00
.333
–118.3
5.724
93.2
.074
54.2
.567
–33.4
1100.00
.318
–126.0
5.263
89.6
.079
55.3
.548
–34.7
1200.00
.297
–133.4
4.837
85.7
.084
53.9
.542
–35.6
1300.00
.281
–141.4
4.538
82.5
.085
53.3
.516
–36.7
1400.00
.275
–147.5
4.256
79.4
.090
52.0
.509
–37.9
1500.00
.263
–155.9
4.004
76.0
.099
50.6
.488
–38.2
1600.00
.268
–162.3
3.770
73.3
.099
49.4
.491
–39.3
1700.00
.277
–169.6
3.597
70.7
.105
49.9
.484
–40.0
1800.00
.267
–174.9
3.407
67.7
.109
51.2
.475
–41.7
1900.00
.262
–179.5
3.244
65.6
.112
50.2
.468
–43.4
2000.00
.276
175.7
3.118
62.3
.119
51.9
.460
–46.6
2100.00
.273
169.3
2.967
59.5
.120
50.4
.453
–47.4
2200.00
.283
164.4
2.837
56.5
.127
47.6
.446
–49.3
2300.00
.291
161.1
2.726
54.5
.129
49.7
.441
–50.5
2400.00
.283
155.3
2.635
52.3
.135
50.6
.431
–51.1
2500.00
.302
153.1
2.538
49.3
.138
50.0
.429
–53.9
2600.00
.304
148.2
2.458
47.3
.143
49.1
.426
–53.3
2700.00
.313
145.8
2.365
45.9
.147
47.8
.418
–57.4
2800.00
.304
143.9
2.296
42.6
.156
45.9
.436
–60.7
2900.00
.320
143.1
2.209
41.0
.157
44.9
.417
–60.2
3000.00
.311
136.6
2.122
37.9
.166
46.4
.426
–64.2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com