Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5013 Datasheet(PDF) 6 Page - NEC

Part # 2SC5013
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5013 Datasheet(HTML) 6 Page - NEC

  2SC5013 Datasheet HTML 1Page - NEC 2SC5013 Datasheet HTML 2Page - NEC 2SC5013 Datasheet HTML 3Page - NEC 2SC5013 Datasheet HTML 4Page - NEC 2SC5013 Datasheet HTML 5Page - NEC 2SC5013 Datasheet HTML 6Page - NEC 2SC5013 Datasheet HTML 7Page - NEC 2SC5013 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SC5013
6
S-PARAMETER
VCE = 3 V, IC = 3 mA
FREQUENCY
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.902
–13.0
9.558
168.7
.014
84.4
.979
–6.1
200.00
.851
–26.2
9.143
157.3
.028
74.3
.954
–11.7
300.00
.802
–37.4
8.623
147.3
.039
69.7
.919
–16.7
400.00
.740
–48.4
7.924
138.3
.047
62.4
.870
–20.8
500.00
.673
–58.7
7.396
129.6
.059
58.6
.820
–24.6
600.00
.628
–68.1
6.856
122.9
.064
56.0
.777
–27.4
700.00
.570
–77.1
6.376
116.2
.069
53.7
.741
–29.3
800.00
.525
–85.5
5.838
110.2
.075
52.2
.698
–32.1
900.00
.476
–94.0
5.406
105.2
.079
51.0
.671
–33.0
1000.00
.444
–101.0
5.065
100.2
.086
48.3
.650
–34.5
1100.00
.414
–108.1
4.698
96.0
.088
48.0
.621
–35.7
1200.00
.382
–115.4
4.347
91.6
.095
47.4
.606
–37.3
1300.00
.362
–123.1
4.108
88.0
.097
47.5
.584
–38.4
1400.00
.347
–129.7
3.874
84.3
.098
45.7
.570
–39.5
1500.00
.331
–136.8
3.663
80.7
.100
45.9
.543
–40.5
1600.00
.323
–144.1
3.457
77.5
.103
44.4
.540
–41.8
1700.00
.325
–151.0
3.312
74.7
.107
46.4
.525
–42.7
1800.00
.311
–156.6
3.143
71.5
.113
44.2
.523
–44.8
1900.00
.299
–161.8
3.009
68.8
.114
46.4
.515
–46.4
2000.00
.316
–169.4
2.883
65.2
.118
44.7
.504
–47.9
2100.00
.303
–176.8
2.746
62.4
.123
45.6
.492
–50.0
2200.00
.311
179.4
2.636
59.0
.125
43.0
.488
–51.8
2300.00
.308
173.8
2.539
57.0
.128
44.0
.486
–52.1
2400.00
.298
169.7
2.446
54.5
.137
45.1
.470
–53.4
2500.00
.319
164.0
2.371
51.4
.141
42.7
.468
–55.8
2600.00
.323
161.0
2.291
49.2
.139
43.4
.463
–56.2
2700.00
.320
158.3
2.203
47.5
.143
42.6
.462
–58.9
2800.00
.318
155.2
2.146
44.2
.149
42.2
.469
–62.4
2900.00
.339
152.9
2.066
42.5
.150
42.5
.457
–63.6
3000.00
.322
146.3
1.987
39.1
.162
41.3
.458
–66.6
VCE = 3 V, IC = 1 mA
FREQUENCY
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.971
–7.4
3.546
173.5
.019
84.5
.998
–3.3
200.00
.950
–15.4
3.498
166.3
.031
75.8
.986
–6.9
300.00
.937
–22.4
3.464
159.7
.045
76.2
.983
–9.9
400.00
.910
–29.7
3.348
153.4
.058
67.5
.962
–13.2
500.00
.877
–36.9
3.321
146.0
.071
67.2
.946
–16.6
600.00
.858
–44.0
3.232
140.7
.082
62.3
.928
–19.3
700.00
.822
–51.3
3.187
134.4
.090
58.1
.909
–21.9
800.00
.792
–58.1
3.054
128.3
.102
56.1
.884
–25.5
900.00
.751
–65.0
2.949
122.9
.110
50.7
.852
–27.2
1000.00
.718
–71.4
2.867
117.5
.116
48.6
.845
–29.7
1100.00
.686
–78.2
2.750
112.7
.122
45.0
.813
–32.3
1200.00
.649
–84.4
2.620
107.1
.131
42.7
.793
–34.2
1300.00
.623
–91.2
2.543
102.7
.128
42.4
.767
–36.0
1400.00
.592
–97.1
2.449
98.2
.137
37.2
.758
–38.7
1500.00
.565
–104.0
2.362
93.5
.136
33.7
.729
–40.0
1600.00
.542
–110.2
2.259
89.2
.140
32.8
.715
–41.5
1700.00
.524
–117.6
2.219
85.9
.147
29.5
.703
–43.2
1800.00
.508
–122.9
2.117
81.6
.148
28.3
.692
–45.5
1900.00
.483
–127.9
2.043
78.3
.140
30.1
.674
–47.2
2000.00
.481
–135.3
1.989
74.0
.147
28.4
.667
–49.0
2100.00
.453
–141.6
1.901
70.1
.145
25.9
.652
–51.0
2200.00
.445
–147.4
1.850
65.9
.145
25.6
.642
–52.6
2300.00
.445
–152.3
1.791
63.4
.154
24.4
.636
–54.4
2400.00
.425
–157.1
1.722
60.3
.145
25.6
.630
–56.3
2500.00
.436
–163.5
1.691
56.6
.148
25.9
.619
–58.8
2600.00
.419
–169.2
1.642
53.7
.148
22.1
.609
–58.5
2700.00
.430
–172.0
1.577
51.8
.143
22.3
.610
–61.9
2800.00
.416
–176.9
1.552
47.7
.146
22.6
.606
–64.8
2900.00
.433
178.9
1.488
45.5
.145
23.0
.596
–64.8
3000.00
.408
173.9
1.450
42.1
.155
22.8
.597
–67.4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com